Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3501 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3501
Description  Synchronous Step-up DC/DC Converter for White LED Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3501 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM3501 Datasheet HTML 10Page - National Semiconductor (TI) LM3501 Datasheet HTML 11Page - National Semiconductor (TI) LM3501 Datasheet HTML 12Page - National Semiconductor (TI) LM3501 Datasheet HTML 13Page - National Semiconductor (TI) LM3501 Datasheet HTML 14Page - National Semiconductor (TI) LM3501 Datasheet HTML 15Page - National Semiconductor (TI) LM3501 Datasheet HTML 16Page - National Semiconductor (TI) LM3501 Datasheet HTML 17Page - National Semiconductor (TI) LM3501 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Application Information (Continued)
to minimize copper trace connections that can inject noise
into the system. The ground connection for the current set-
ting resistor should connect directly to the GND pin. The
AGND pin should connect directly to the GND pin. Not
connecting the AGND pin directly, as close to the chip as
possible, may affect the performance of the LM3501 and
limit its current driving capability. Trace connections made to
the inductor should be minimized to reduce power dissipa-
tion, EMI radiation and increase overall efficiency. It is good
practice to keep the V
SW routing away from sensitive pins
such as the FB pin. Failure to do so may inject noise into the
FB pin and affect the regulation of the device. See Figure 3
and Figure 4 for an example of a good layout as used for the
LM3501 evaluation board.
20065384
FIGURE 3. Evaluation Board Layout (2X Magnification)
Top Layer
20065385
FIGURE 4. Evaluation Board Layout (2X Magnification)
Bottom Layer (as viewed from the top)
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com