Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3863AG-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UC3863AG-S08-R
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3863AG-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UC3863AG-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3863AG-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3863AG-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3863AG-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3863AG-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3863AG-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3863AG-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3863AG-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3863AG-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
UC3863A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R103-148.B
ABSOLUTE MAXIMUM RATINGS (TA=25°C, VDD =15V, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
35
V
Input Voltage to FB Pin
VFB
-0.3 ~ 7
V
Input Voltage to CS Pin
VSENSE
-0.3 ~ 7
V
Junction Temperature
TJ
+150
C
Operating Temperature
TOPR
-40 ~ +125
°C
Storage Temperature
TSTG
-50 ~ +150
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
OPERATING RANGE
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
10 ~ 24
V
ELECTRICAL CHARACTERISTICS (TA=25°C, VDD=15V, RI =100KΩ,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY SECTION
Start Up Current
ISTR
VDD = VDD(ON)-0.5V
2
15
μA
IC Operating current
IOP
VFB=3.5V
0.8
1.8
mA
VCC Zener Clamp Voltage
VCC(clamp)
IVCC=20mA
31
33
35
V
UNDER-VOLTAGE LOCKOUT SECTION
Start Threshold Voltage
VTHD(ON)
16.5
18
20
V
Min. Operating Voltage
VDD(MIN)
6
7
8
V
CONTROL SECTION
VFB Open Loop Voltage Level
VFB-OPEN
5.4
V
PWM Input Gain
AVCS
∆VFB/∆VCS
3
V/V
Burst-Mode Out FB Voltage
VFB(OUT)
VSENSE =0
1.5
V
Burst-Mode Enter FB Voltage
VFB(IN)
VSENSE =0
1.35
V
Normal
VFB=3.5V, RI=100KΩ
60
65
70
KHz
Switch Frequency
Power-Saving
FSW
Before enter burst mode
20
KHz
Duty Cycle
DMAX
VFB=3.5V, VSENSE=0
70
78
90
%
Frequency Hopping
FJ(SW)
-9
+9
%
Frequency VDD Stability
FDV
VDD=12V ~ 20V
10
%
Frequency Temperature Stability
FDT
T=-40 ~ 110°C
10
%
Feedback short current
IFB
240
uA
Softstart time
Tss
5
mS
PROTECTION SECTION
VCC Over Voltage Protection Threshold
VOVP
VFB=3.9V
25
27
29
V
FB PIN Over Load Protection Threshold
VOLP
4.2
V
Over Load Protection Delay-Time
TDelay
60
88
120
mS
OTP threshold
T(THR)
VFB=3.9V
150
°C
CURRENT LIMITING SECTION
Peak Current Valley Threshold Voltage
VCS-F
VFB=3.9V, Duty≥60%
0.92
V
Peak Current Valley Threshold Voltage
VCS-V
VFB=4.0V, Duty=0%
0.60
0.65
0.70
V
Lead Edge Blanking Time
TLEB
200
350
550
ns
DRIVER OUTPUT SECTION
Output Voltage Low State
VOL
VDD=16, IO=-20mA
1
V
Output Voltage High State
VOH
VDD=16, IO= 20mA
11
V
Output Voltage Rise Time
tR
CL=1.0nF
150
ns
Output Voltage Fall Time
tF
CL=1.0nF
60
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com