Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3863AG-SH2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UC3863AG-SH2-R
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3863AG-SH2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UC3863AG-SH2-R Datasheet HTML 1Page - Unisonic Technologies UC3863AG-SH2-R Datasheet HTML 2Page - Unisonic Technologies UC3863AG-SH2-R Datasheet HTML 3Page - Unisonic Technologies UC3863AG-SH2-R Datasheet HTML 4Page - Unisonic Technologies UC3863AG-SH2-R Datasheet HTML 5Page - Unisonic Technologies UC3863AG-SH2-R Datasheet HTML 6Page - Unisonic Technologies UC3863AG-SH2-R Datasheet HTML 7Page - Unisonic Technologies UC3863AG-SH2-R Datasheet HTML 8Page - Unisonic Technologies UC3863AG-SH2-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
UC3863A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 10
www.unisonic.com.tw
QW-R103-148.B
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
SOT-26
SOP-8
HSOP-8
PIN NAME
PIN TYPE
DESCRIPTION
1
8
GND
P
Ground
2
7
FB
I
Feedback input pin. The PWM duty cycle is determined by
voltage level into this pin and SENSE pin input
3
5
RI
I
A resistor connected between RI and GND sets switching
frequency. A 100kΩ resistor RI results in a 65KHz switching
frequency
4
4
SENSE
I
Current sense input pin. Connected to MOSFET current
sensing resistor node
5
2
VDD
P
Power supply.
6
1
GATE
O
The totem-pole output driver for driving the power MOSFET
-
3, 6
NC
-
No Connection
BLOCK DIAGRAM
GATE
FB
PWM COMP
OCP
UVLO
Reference voltage
Burstmode
Oscillator
VDD
GND
Latch
S
R
Q
Q
SENSE
Driver
LEB
Frequency
Hopping
Slope Compensation
Constant Power Limit
OTP
Logic
Control
OVP
1/8
2/7
5/2
6/1
4/4
3/5
RI



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com