Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT213 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT213
Description  POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT213 Datasheet(HTML) 4 Page - Unisonic Technologies

  UT213 Datasheet HTML 1Page - Unisonic Technologies UT213 Datasheet HTML 2Page - Unisonic Technologies UT213 Datasheet HTML 3Page - Unisonic Technologies UT213 Datasheet HTML 4Page - Unisonic Technologies UT213 Datasheet HTML 5Page - Unisonic Technologies UT213 Datasheet HTML 6Page - Unisonic Technologies UT213 Datasheet HTML 7Page - Unisonic Technologies UT213 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UT213
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R103-144.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
VCC
VCC
+6.0
V
V+ (Note 2)
V+
+7.0
V
V- (Note 2)
V-
-7.0
V
V+ +|V-| (Note 2)
VPUMP
+13.0
V
T_IN, SHDN , EN
-0.3 ~ +6.0
V
Input Voltages
R_IN
VIN
±25
V
T_OUT
±13.2
V
Output Voltages
R_OUT,
VOUT
-0.3 ~ (VCC+0.3)
V
Short-Circuit Duration
T_OUT
SC
Continuous
Power Dissipation(TA=25°C)
PD
870
mW
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. V+ and V- can have maximum magnitudes of 7.0V, but their absolute difference cannot exceed 13.0V.
ELECTRICAL CHARACTERISTICS
(VCC=+3.0V~+5.5V, C1~C4=0.1µF (Note 2), TA = TMIN to TMAX, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
DC CHARACTERISTICS
Supply Current, Shutdown
ISHDN
SHDN =0V, EN=0V or VCC
15
50
µA
VCC Supply Current
ICC
VCC=3.3V
or 5.0V,
TA= 25°C SHDN =VCC, EN=0V or VCC
11
20
mA
LOGIC INPUTS
Low
VLGL
T_IN, SHDN , EN
0.8
V
VCC = 3.3V
2.0
Input Logic Threshold
High
VLGH
T_IN, SHDN , EN
VCC = 5.0V
2.4
V
Logic Pullup Current
IPullup
T_IN=0V
15
200
µA
RECEIVER OUTPUTS
Output Leakage Current
IROUT(LK) EN=0V,0V≤ROUT≤VCC
0.05
±10
µA
Low
VROUTL
IOUT = 1.6mA
0.4
V
Output Voltage
High
VROUTH
IOUT = -1.0mA
3.5
V
RECEIVER INPUTS
Input Voltage Range
VRR
-30
30
V
Active mode
0.8
1.2
Input Threshold Low
VRINL
TA=25°C
VCC=5.0V
Shutdown mode
R4,R5
0.6
1.5
V
Active mode
1.7
2.4
Input Threshold High
VRINH
TA=25°C
VCC=5.0V
Shutdown mode
R4,R5
1.5
2.4
V
Input Hysteresis
VRINHYS
VCC=5.0V,no Hysteresis in shutdown
0.2
0.5
1.0
V
Input Resistance
VRINRES
TA=25°C,VCC=5.0V
3
5
7
kΩ
TRANSMITTER OUTPUTS
Output Voltage Swing
VTOUTSW
All transmitter outputs loaded with 3kΩ to
ground
±5.0
±5.4
V
Output Resistance
VTOUTRES
VCC= V+=V-=0V,
Transmitter output=±2V
300
10M
Ω
Output Short-Circuit Current
ITSC
±10
±60
mA
Output Leakage Current
ITOUT(L)
VCC=3.0V~5.0V, VOUT=±12V,
Transmitters disabled
±25
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com