Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPF395 Datasheet(PDF) 4 Page - TT Electronics.

Part # OPF395
Description  Fiber Optic Transmitter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPF395 Datasheet(HTML) 4 Page - TT Electronics.

  OPF395 Datasheet HTML 1Page - TT Electronics. OPF395 Datasheet HTML 2Page - TT Electronics. OPF395 Datasheet HTML 3Page - TT Electronics. OPF395 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Fiber Optic Transmitter
OPF395 Series
Issue B
08/2016
Page 4
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Performance
-40°C
80°C
Temperatures are Stepped
in 20
°C increments.
0
20
40
60
80
100
0
0.2
1.2
0.4
0.6
0.8
1.0
1.4
Relative Coupled Power vs.
Forward Current
Forward Current (mA)
-40°C
80°C
Temperatures are Stepped
in 20
°C increments.
0
20
40
60
80
100
1.2
1.3
1.8
1.4
1.5
1.6
1.7
2.0
Typical Forward Voltage vs.
Forward Current
Forward Current (mA)
1.9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com