Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9503MEEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9503MEEE
Description  DirectDrive Video Amplifier with Reconstruction Filter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9503MEEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9503MEEE Datasheet HTML 2Page - Maxim Integrated Products MAX9503MEEE Datasheet HTML 3Page - Maxim Integrated Products MAX9503MEEE Datasheet HTML 4Page - Maxim Integrated Products MAX9503MEEE Datasheet HTML 5Page - Maxim Integrated Products MAX9503MEEE Datasheet HTML 6Page - Maxim Integrated Products MAX9503MEEE Datasheet HTML 7Page - Maxim Integrated Products MAX9503MEEE Datasheet HTML 8Page - Maxim Integrated Products MAX9503MEEE Datasheet HTML 9Page - Maxim Integrated Products MAX9503MEEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DirectDrive Video Amplifier with
Reconstruction Filter
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = CPVDD = SHDN = 3.0V, SGND = GND = CPGND = 0V, no load, C1 = C2 = C3 = C4 = 1µF, RBIAS = 100k
Ω, TA = TMIN to
TMAX. RIN = 150
Ω to SGND, unless otherwise noted. VVIDIN = 286mV (MAX9503G), VVIDIN = 143mV (MAX9503M). Typical values
are at TA = +25°C, unless otherwise noted.)
MAX9503G POWER-SUPPLY
REJECTION RATIO vs. FREQUENCY
FREQUENCY (MHz)
1
0.1
-100
-80
-60
-40
-20
0
20
-120
0.01
10
MAX9503M POWER-SUPPLY
REJECTION RATIO vs. FREQUENCY
FREQUENCY (MHz)
1
0.1
-100
-80
-60
-40
-20
0
20
-120
0.01
10
QUIESCENT SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
11
12
13
14
10
-40
85
MAX9503M
MAX9503G
MAX9503G VOLTAGE GAIN
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
5.9
6.0
6.1
6.2
5.8
-40
85
MAX9503M VOLTAGE GAIN
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
11.8
11.9
12.0
12.1
12.2
12.3
11.7
-40
85
MAX9503G OUTPUT VOLTAGE
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
2.3
1.8
1.3
0.8
0.3
0
1
2
3
4
-1
-0.2
2.8
MAX9503M OUTPUT VOLTAGE
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
0.8
1.0
0.6
0.4
0.2
0
-1
0
1
2
3
4
-2
-0.2
1.2
MAX9503G
DIFFERENTIAL GAIN AND PHASE
5
4
3
2
0.2
0.1
-0.1
0
0.3
-0.3
16
5
4
3
2
0.2
0.1
-0.2
-0.1
0
0.3
-0.3
16
-0.2
MAX9503M
DIFFERENTIAL GAIN AND PHASE
5
4
3
2
0.2
0.1
-0.1
0
0.3
-0.3
16
5
4
3
2
0.3
0.1
-0.3
-0.2
-0.1
0
0.4
-0.4
16
-0.2
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com