Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF1635CT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MBRF1635CT
Description  Dual Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MBRF1635CT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MBRF1635CT Datasheet HTML 1Page - List of Unclassifed Manufacturers MBRF1635CT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBRF1635CT thru MBRF1660CT
Crownpo Technology
www.crownpo.com
01-Mar-04
Document No. 11050
Dual Schottky Barrier Rectifiers
Reverse Voltage 35 to 60V
Forward Current 16A
Maximum Ratings and Thermal Characteristics (TC = 25-C unless otherwise noted)
Parameter
Symbol
MBRF
1635CT
Unit
Maximum repetitive peak reverse voltage
VRRM
35
40
45
50
60
35
40
45
50
60
35
40
45
50
60
V
Working peak reverse voltage
VRWM
V
Maximum DC blocking voltage
VDC
V
Maximum average forward rectified current
Total device
16
at TC = 95
-C
Per leg
IF(AV)
8
A
Peak forward surge current 8.3ms single half sine-wave
IFSM
150
A
superimposed on rated load (JEDEC Method) per leg
Peak repetitive reverse current per leg at tp = 2
es, 1KHZ
IRRM
0.5
A
Voltage rate of change (rated VR)
dv/dt
10,000
V/
es
Typical thermal resistance per leg
RθJC
4.0
-C/W
Operating junction and storage temperature range
TJ, TSTG
s65 to +150
-C
RMS Isolation voltage (MBRF type only) from terminals
4500 (1)
to heatsink with t = 1 second, RH
m 30%
VISOL
3500 (2)
V
1500 (3)
Electrical Characteristics (TC = 25-C unless otherwise noted)
Maximum instantaneous
VF
0.60
V
forward voltage per leg(4)
at IF = 8.0A, TC = 25
-C
0.70
Maximum reverse current per leg
TJ = 25
-C
5.0
at working peak reverse voltage(4)
TJ = 100
-C
IR
50
mA
Notes: (1) Clip mounting (on case), where lead does not overlap heatsink with 0.110
" offset
(2) Clip mounting (on case), where leads do overlap heatsink
(3) Screw mounting with 4-40 screw, where washer diameter is
m 4.9 mm (0.19")
(4) Pulse test: 300
es pulse width, 1% duty cycle
MBRF
1640CT
MBRF
1645CT
MBRF
1660CT
MBRF
1650CT
Features
N Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
N Dual rectifier construction, positive center tap
N Metal silicon junction, majority carrier conduction
N Low power loss, high efficiency
N Guardring for overvoltage protection
N For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
Mechanical Data
Case: JEDEC ITO-220AB molded plastic body
Terminals: Plated leads, solderable per
MIL-STD-750, Method 2026
High temperature soldering guaranteed:
250
-C/10 seconds, 0.25" (6.35mm) from case
Polarity: As marked
Mounting Position: Any
Mounting Torque: 10 in-lbs maximum
Weight: 0.08 oz., 2.24 g
Dimensions in
inches and (millimeters)
1
3
PIN
2
0.060 (1.52)
0.405 (10.27)
0.383 (9.72)
0.191 (4.85)
0.171 (4.35)
0.600 (15.5)
0.580 (14.5)
0.560 (14.22)
0.530 (13.46)
0.037 (0.94)
0.027 (0.69)
0.140 (3.56)
0.130 (3.30)
0.350 (8.89)
0.330 (8.38)
0.188 (4.77)
0.172 (4.36)
0.110 (2.80)
0.100 (2.54)
0.131 (3.39)
0.122 (3.08)
0.110 (2.80)
0.100 (2.54)
0.022 (0.55)
0.014 (0.36)
DIA.
DIA.
0.676 (17.2)
0.646 (16.4)
0.205 (5.20)
0.195 (4.95)
0.105 (2.67)
0.095 (2.41)
PIN 2
PIN 1
PIN 3
ITO-220AB


Similar Part No. - MBRF1635CT

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
MBRF1635CT BILIN-MBRF1635CT Datasheet
137Kb / 2P
DUAL SCHOTTKY RECTIFIERS
logo
Diode Semiconductor Kor...
MBRF1635CT DSK-MBRF1635CT Datasheet
155Kb / 2P
DUAL SCHOTTKY RECTIFIERS
More results

Similar Description - MBRF1635CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR40H35CT VISHAY-MBR40H35CT Datasheet
50Kb / 3P
Dual Schottky Barrier Rectifiers
14-Jul-04
logo
GOOD-ARK Electronics
MBR20XXCT GOOD-ARK-MBR20XXCT Datasheet
257Kb / 3P
Dual Schottky Barrier Rectifiers
MBR25XXCT GOOD-ARK-MBR25XXCT Datasheet
259Kb / 3P
Dual Schottky Barrier Rectifiers
logo
Silicon Standard Corp.
MBR3035CT SSC-MBR3035CT Datasheet
285Kb / 5P
Dual Schottky Barrier Rectifiers
logo
EIC discrete Semiconduc...
SBL2030PT EIC-SBL2030PT Datasheet
98Kb / 2P
DUAL SCHOTTKY BARRIER RECTIFIERS
FST10180 EIC-FST10180 Datasheet
96Kb / 2P
Dual Schottky Barrier Rectifiers
FST20180 EIC-FST20180 Datasheet
96Kb / 2P
Dual Schottky Barrier Rectifiers
FST31120 EIC-FST31120 Datasheet
96Kb / 2P
Dual Schottky Barrier Rectifiers
FST31180 EIC-FST31180 Datasheet
96Kb / 2P
Dual Schottky Barrier Rectifiers
logo
New Jersey Semi-Conduct...
MAC321 NJSEMI-MAC321 Datasheet
117Kb / 3P
Dual Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com