Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK610 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK610
Description  VERY WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK610 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK610 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK610 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK610 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK610 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK610 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK610 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
@ +VCC
@ -VCC
@ +VHV
@ -VSC
VIN=0
±VCC
+VHV, +VSC
-VSC
f=1KHz
f=1KHz
V0=100Vpp
V0=1Vpp
V0=100Vpp
f=1KHz
AV=-10V/V VO=50Vpp
AV=-10V/V VO=50Vpp
+130VDC
-18VDC
±VCC
±18VDC
30°C/W
-65°C to +150°C
300°C
-40°C to +125°C
-55°C to +125°C
150°C
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TC
TJ
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK610
MSK610B
Junction Temperature
+VHV,+VSC
-VSC
±VIN
±VCC
θJC
Supply Voltage
Supply Voltage
Input Voltage Range
Supply Voltage (Input Stage)
Thermal Resistance
(Output Devices)
STATIC
Input Offset Voltage Drift
DYNAMIC CHARACTERISTICS
Output Voltage Swing
Peak Output Current
Full Power Output Frequency
Unity Gain Bandwidth
Slew Rate
Voltage Gain
Settling Time to 1%
Settling Time to 0.1%
Group A
Subgroup
1,2,3
1,2,3
1,2,3
1,2,3
1
2,3
1
2,3
2,3
-
-
-
4
4
4
4
4
4
-
-
Typ.
1.0
12
12
12
±1.0
±2.0
50
100
±10
±15
120
-15
110
±250
9
100
5000
100
200
500
Min.
-
-
-
-
-
-
-
-
-
±12
50
-18
100
±200
2
80
4000
80
-
-
Max.
2.0
30
25
25
±5.0
±10.0
250
500
±50
±18
130
0
-
-
-
-
-
-
-
-
Min.
-
-
-
-
-
-
-
-
-
±12
50
-18
100
±200
1
80
4000
80
-
-
Max.
2.0
35
28
28
±10
-
500
-
-
±18
130
0
-
-
-
-
-
-
-
-
MSK 610B
MSK 610
Parameter
Test Conditions
ELECTRICAL SPECIFICATIONS
1
Units
Typ.
1.0
12
12
12
±1.0
±2.0
50
100
±10
±15
120
-15
110
±250
9
100
5000
100
200
500
Quiescent Current
Input Offset Voltage
Input Bias Current
VIN=0
2
2
2
2
2
2
Power Supply Range 2
6
mA
mA
mA
mA
mV
mV
nA
nA
µV/°C
V
V
V
Vpp
mA
MHz
MHz
V/µS
dB
nS
nS
1
2
3
4
5
6
Unless otherwise specified, ±VCC=±15VDC, +VHV=+VSC=+120VDC, -VSC=-15VDC, CL=8pF (probe capacitance) and AV=10V/V.
This parameter is guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ('B' suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 1,4
TC=+25°C
Subgroup 2,5
TJ=+125°C
Subgroup 3,6
TA=-55°C
The output voltage swing is typically within 8 volts of each VSC supply setting.
NOTES:
VIN=0
2
Rev. A 8/00
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com