Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS324 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AS324
Description  LOW POWER QUAD OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS324 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AS324 Datasheet HTML 2Page - Diodes Incorporated AS324 Datasheet HTML 3Page - Diodes Incorporated AS324 Datasheet HTML 4Page - Diodes Incorporated AS324 Datasheet HTML 5Page - Diodes Incorporated AS324 Datasheet HTML 6Page - Diodes Incorporated AS324 Datasheet HTML 7Page - Diodes Incorporated AS324 Datasheet HTML 8Page - Diodes Incorporated AS324 Datasheet HTML 9Page - Diodes Incorporated AS324 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AS324/324A
Document number: DS36827 Rev. 3 - 2
6 of 14
www.diodes.com
May 2018
© Diodes Incorporated
AS324/324A
Performance Characteristics
Input Voltage Range
Input Current
Supply Current
Voltage Gain
Open Loop Frequency Response
Voltage Follower Pulse Response
0
5
10
15
0
5
10
15
POSITIVE
NEGATIVE
Power Supply Voltage (+V
DC
)
-25
0
25
50
75
100
125
0
3
6
9
12
15
18
21
24
27
30
Temperature (
oC)
0
5
10
15
20
25
30
35
40
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Supply Voltage (V)
0
8
16
24
32
40
60
75
90
105
120
Power Supply Voltage (V)
R
L
=2K
R
L
=20K
1
10
100
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
90
100
110
120
Frequency (Hz)
Time (
s)
0
1
2
3
1
2
3
4
0
0
4
8
12
16
20
24
28
32
36
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com