Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS339A Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AS339A
Description  LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS339A Datasheet(HTML) 4 Page - Diodes Incorporated

  AS339A Datasheet HTML 1Page - Diodes Incorporated AS339A Datasheet HTML 2Page - Diodes Incorporated AS339A Datasheet HTML 3Page - Diodes Incorporated AS339A Datasheet HTML 4Page - Diodes Incorporated AS339A Datasheet HTML 5Page - Diodes Incorporated AS339A Datasheet HTML 6Page - Diodes Incorporated AS339A Datasheet HTML 7Page - Diodes Incorporated AS339A Datasheet HTML 8Page - Diodes Incorporated AS339A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AS339/339A
Document number: DS36838 Rev. 3 - 2
4 of 12
www.diodes.com
May 2018
© Diodes Incorporated
AS339/339A
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
2
36
V
TA
Operating Temperature Range
-40
+85
°C
Electrical Characteristics (Limits in standard typeface are for TA = +25°C, bold typeface applies over TA = -40°C to +85°C (Note 6),
VCC = 5V, GND = 0V, unless otherwise specified.)
Notes:
6. Limits over the full temperature are guaranteed by design, but not tested in production.
7. The input common-mode voltage of either input signal voltage should not be allowed to go negatively by more than 0.3V (at +25°C). The upper end of the
common-mode voltage range is VCC -1.5V (at +25°C), but either or both inputs can go to +36V without damages, independent of the magnitude of the
VCC.
Parameter
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VO = 1.4V, RS =
0Ω, VCC from 5V
to 30V
AS339
2
5
mV
7
AS339A
2
3
5
Input Bias Current
IIN+ or IIN- with output in Linear Range,
VCM = 0V
25
250
nA
400
Input Offset Current
IIN+ - IIN-, VCM = 0V
5.0
50
nA
200
Input Common Mode Voltage Range (Note
7)
VCC = 30V
0
VCC-1.5
V
Supply Current
RL = ∞
VCC = 5V
0.9
2.0
mA
3.0
VCC = 30V
1.2
2.5
3.5
Voltage Gain
RL ≥ 15kΩ, VCC = 15V, VO = 1V to 11V
50
200
V/mV
Large Signal Response Time
VIN = TTL Logic Swing, VREF = 1.4V
VRL = 5V, RL = 5.1kΩ
200
ns
Response Time
VRL = 5V, RL = 5.1kΩ
1.3
µs
Output Sink Current
VIN- = 1V, VIN+ = 0, VO = 1.5V
6.0
16
mA
Output Leakage Current
VIN- = 0V, VIN+ = 1V, VO = 5V
0.1
nA
VIN- = 0V, VIN+ = 1V, VO = 30V
1
µA
Saturation Voltage
VIN- = 1V, VIN+ = 0, ISINK ≤ 4mA
200
400
mV
500
Thermal Resistance (Junction to Case)
SO-14
15
°C/W
TSSOP-14
6
Thermal Resistance (Junction to Ambient)
SO-14
89
TSSOP-14
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com