Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1002N Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1002N
Description  60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1002N Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1002N Datasheet HTML 1Page - IXYS Corporation CPC1002N Datasheet HTML 2Page - IXYS Corporation CPC1002N Datasheet HTML 3Page - IXYS Corporation CPC1002N Datasheet HTML 4Page - IXYS Corporation CPC1002N Datasheet HTML 5Page - IXYS Corporation CPC1002N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1002N
www.ixysic.com
3
R07
PERFORMANCE DATA*
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.
For guaranteed parameters not indicated in the written specifications, please contact our application department.
35
30
25
20
15
10
5
0
68
70
72
74
69
71
73
Blocking Voltage (V
P)
Typical Blocking Voltage Distribution
(N=50)
35
30
25
20
15
10
5
0
0.32
0.34
0.36
0.38
0.33
0.35
0.37
Typical On-Resistance Distribution
(N=50, I
L=100mA)
On-Resistance ( )
1.0
1.2
1.4
1.6
1.1
1.3
1.5
Turn-On Time (ms)
25
20
15
10
5
0
Typical Turn-On Time
(N=50, I
F=3mA, IL=100mA)
0.38
0.40
0.42
0.44
0.43
0.41
0.39
Turn-Off Time (ms
25
20
15
10
5
0
Typical Turn-Off Time
(N=50, I
F=3mA, IL=100mA)
35
30
25
20
15
10
5
0
0.50
0.60
0.70
0.45
0.55
0.65
0.75
LED Current (mA)
Typical I
F for Switch Operation
(N=50, I
L=100mA)
35
30
25
20
15
10
5
0
0.50
0.60
0.70
0.45
0.55
0.65
0.75
LED Current (mA)
Typical I
F for Switch Dropout
(N=50, I
L=100mA)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=1mA
I
F=2mA
I
F=5mA
I
F=10mA
I
F=20mA
I
F=50mA
-40
1.50
1.25
1.00
0.75
0.50
0.25
0
-20
0
20
40
60
80
100
Typical I
F for Switch Operation
vs. Temperature
(I
L=100mA)
Temperature (ºC)
-40
1.50
1.25
1.00
0.75
0.50
0.25
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical I
F for Switch Dropout
vs. Temperature
(I
L=100mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com