Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC915FDH Datasheet(PDF) 14 Page - NXP Semiconductors

Part # P89LPC915FDH
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC915FDH Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button P89LPC915FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 11Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 12Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 13Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 14Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 15Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 16Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 17Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
Philips Semiconductors
P89LPC915/916/917
8-bit microcontrollers with accelerated two-clock 80C51 core
Product data
Rev. 04 — 17 December 2004
14 of 72
9397 750 14397
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
P1.0 to P1.5
I/O
(P1.2);
I (P1.5)
Port 1: Port 1 is a 6-bit I/O port with user-configurable outputs. During reset Port 1
latches are configured in the input only mode with the internal pull-up disabled. The
operation of the outputs depends upon the port configuration selected. Refer to
Section 9.12.1 “Port configurations” and Table 13 “DC electrical characteristics” for
details. P1.2 and P1.3 are open drain when used as outputs. P1.5 is input only.
All pins have Schmitt triggered inputs.
Port 1 also provides various special functions as described below:
10
I/O
P1.0 — Port 1 bit 0.
O
TxD — Serial port transmitter data.
9
I/O
P1.1 — Port 1 bit 1.
I
RxD — Serial port receiver data.
8
I/O
P1.2 — Port 1 bit 2. (Open drain when used as an output.)
I/O
T0 — Timer/counter 0 external count input, overflow, or PWM output.
I/O
SCL — I2C-bus serial clock input/output.
7
I/O
P1.3 — Port 1 bit 3. (Open drain when used as an output.)
I/O
INT0 — External interrupt 0 input.
I/O
SDA — I2C-bus serial data input/output.
6
I/O
P1.4 — Port 1 bit 4.
I/O
INT1 — External interrupt 1input.
3I
P1.5 — Port 1 bit 5. (Input only.)
I
RST — External Reset input during power-on or if selected via UCFG1. When
functioning as a reset input a LOW on this pin resets the microcontroller, causing I/O
ports and peripherals to take on their default states, and the processor begins
execution at address 0. When using an oscillator frequency above 12 MHz, the
reset input function of P1.5 must be enabled. An external circuit is required to
hold the device in reset at power-up until VDD has reached its specified level.
When system power is removed VDD will fall below the minimum specified
operating voltage. When using an oscillator frequency above 12 MHz, in some
applications, an external brownout detect circuit may be required to hold the
device in reset when VDD falls below the minimum specified operating voltage.
Also used during a power-on sequence to force In-System Programming mode.
P2.2
5
I/O
Port 2: Port 2.2 is a single-bit I/O port with a user-configurable output. During reset
the Port 2.2 latch is configured in the input only mode with the internal pull-up
disabled. The operation of the output depends upon the port configuration selected.
Refer to Section 9.12.1 “Port configurations” and Table 13 “DC electrical
characteristics” for details.
This pin has a Schmitt triggered input.
VSS
4I
Ground: 0 V reference.
VDD
12
I
Power Supply: This is the power supply voltage for normal operation as well as Idle
and Power-down modes.
Table 5:
P89LPC917 pin description…continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com