Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1018N Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1018N
Description  60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1018N Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1018N Datasheet HTML 1Page - IXYS Corporation CPC1018N Datasheet HTML 2Page - IXYS Corporation CPC1018N Datasheet HTML 3Page - IXYS Corporation CPC1018N Datasheet HTML 4Page - IXYS Corporation CPC1018N Datasheet HTML 5Page - IXYS Corporation CPC1018N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R13
CPC1018N
PERFORMANCE DATA*
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
I
F=2mA
I
F=1mA
-40
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-20
0
20
40
60
80
100
Temperature (ºC)
I
F=5mA
I
F=10mA
Typical Turn-On Time vs. Temperature
(I
L=80mA)
-40
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
-20
0
20
40
60
80
100
Typical Turn-Off Time vs. Temperature
(I
L=80mA)
Temperature (ºC)
I
F=5mA
I
F=10mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.16
0.20
0.24
0.28
0.32
0.36
Typical I
F for Switch Operation
vs. Temperature
(I
L=480mA)
0.34
0.30
0.26
0.22
0.18
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.16
0.18
0.20
0.22
0.24
0.26
0.28
0.30
Typical I
F for Switch Dropout
vs. Temperature
(I
L=480mA)
0.32
0.34
0.36
-40
0.9
0.8
0.7
0.6
0.5
0.4
0.3
-20
0
20
40
60
80
100
Steady State
Temperature (ºC)
I
F=5mA
I
F=10mA
Typical On-Resistance vs. Temperature
(I
L=480mA)
Load Voltage (V)
600
400
200
0
-200
-400
-600
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
Typical Load Current vs. Load Voltage
(I
F=1mA)
0.80
0.75
0.70
0.65
0.60
0.55
0.50
0.45
0.40
0.35
Temperature (ºC)
-40
-20
0
20
40
60
80
120
100
Typical Maximum Load Current
vs. Temperature
I
F=10mA
I
F=5mA
-40
72
70
68
66
64
62
60
58
-20
0
20
40
60
80
100
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
Measured Across Pins 3&4
(V
L=60V)
Temperature (ºC)
Load Voltage (V)
0
10
2030
4050
0
50
100
150
200
Output Capacitance vs. Load Voltage
(I
F=0mA, f=1MHz)
Time
10μs
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1ms
100μs
100ms
1s
10ms
10s
100s
Energy Rating Curve
(I
F=1mA)
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.
For guaranteed parameters not indicated in the written specifications, please contact our application department.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com