Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1020N Datasheet(PDF) 2 Page - IXYS Corporation

Part # CPC1020N
Description  30V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1020N Datasheet(HTML) 2 Page - IXYS Corporation

  CPC1020N Datasheet HTML 1Page - IXYS Corporation CPC1020N Datasheet HTML 2Page - IXYS Corporation CPC1020N Datasheet HTML 3Page - IXYS Corporation CPC1020N Datasheet HTML 4Page - IXYS Corporation CPC1020N Datasheet HTML 5Page - IXYS Corporation CPC1020N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R05
CPC1020N
Absolute Maximum Ratings @ 25ºC
Parameter
Ratings
Units
Blocking Voltage
30
V
P
Input Power Dissipation 1
75
mW
Input Control Current
50
mA
Peak (10ms)
1
A
Reverse Input Voltage
5
V
Total Power Dissipation 2
400
mW
Isolation voltage, Input to Output
1500
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW / ºC
2 Derate linearly 3.33 mW / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current
Continuous 1
I
F=2mA
I
L
-
-
1.2
A
DC
Peak
t < 10ms
I
LPK
--
3
A
On-Resistance 2
I
L=1A
R
ON
-
0.116
0.25
Off-State Leakage Current
V
L=30VP
I
LEAK
--
1
A
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
-
0.48
3
ms
Turn-Off
t
off
-
0.65
3
Output Capacitance
I
F=0mA, VL=25V, f=1MHz
C
OUT
-33
-
pF
Input Characteristics
Input Control Current to Activate
I
L=1A
I
F
-
0.13
2
mA
Input Control Current to Deactivate
-
I
F
0.1
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.5
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Input/Output Characteristics
Capacitance, Input to Output
V
IO=0V, f=1MHz
C
IO
-3
-
pF
1
Load current derates linearly from 1.2A @ 25oC to 0.58A @85oC.
2
Measurement taken within 1 second of on-time.
Electrical Characteristics @ 25ºC
ESD Rating (Human Body Model)
1000 Volts
ESD Rating
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to the
device. Functional operation of the device at conditions beyond
those indicated in the operational sections of this data sheet is
not implied.
Typical values are characteristic of the device at +25°C, and
are the result of engineering evaluations. They are provided for
information purposes only, and are not part of the manufacturing
testing requirements.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com