Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1035N Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1035N
Description  350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1035N Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1035N Datasheet HTML 1Page - IXYS Corporation CPC1035N Datasheet HTML 2Page - IXYS Corporation CPC1035N Datasheet HTML 3Page - IXYS Corporation CPC1035N Datasheet HTML 4Page - IXYS Corporation CPC1035N Datasheet HTML 5Page - IXYS Corporation CPC1035N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1035N-R16
1
CPC1035N
350V Normally-Open Single-Pole
4-Pin SOP OptoMOS® Relay
Part #
Description
CPC1035N
4-Pin SOP (100/tube)
CPC1035NTR
4-Pin SOP (2000/reel)
* For other packaging options consult factory.
Parameter
Rating
Units
Blocking Voltage
350
V
P
Load Current
100
mA
rms / mADC
On-Resistance (max)
35
Applications
Features
Description
Ordering Information
Pin Configuration
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket
Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• 1500V
rms Input/Output Isolation
• Small 4-Pin SOP Package
• Low Drive Power Requirements
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Halogen-Free
• Flammability Rating UL 94 V-0
• Tape & Reel Version Available
The CPC1035N is a miniature normally-open,
single-pole, (1-Form-A) solid state relay in a 4-pin
SOP package that employs optically coupled
MOSFET technology to provide 1500V
rms of input
to output isolation. The efficient MOSFET switches
and photovoltaic die use IXYS Integrated Circuits
Division’s patented OptoMOS architecture while the
optically coupled output is controlled by a highly
efficient infrared LED.
IXYS Integrated Circuits Division’s state of the art
double-molded vertical construction packaging makes
the CPC1035N one of the world’s smallest relays. It
offers board space savings of at least 20% over the
competitor’s larger 4-pin SOP relay.
Approvals
Switching Characteristics
of Normally-Open Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
2
3
4
+ Control
– Control
Load
Load
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1172007
• EN/IEC 60950-1 Certified Component:
Certificate B 13 12 82667 003


Similar Part No. - CPC1035N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1035N CLARE-CPC1035N Datasheet
93Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1035N CLARE-CPC1035N Datasheet
112Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1035NTR CLARE-CPC1035NTR Datasheet
93Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1035NTR CLARE-CPC1035NTR Datasheet
112Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1035N CLARE-CPC1035N_1 Datasheet
112Kb / 5P
4-Pin SOP OptoMOS짰 Relay
More results

Similar Description - CPC1035N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1006N IXYS-CPC1006N Datasheet
167Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1008N IXYS-CPC1008N Datasheet
134Kb / 6P
Single-Pole, Normally Open 4-Pin SOP OptoMOS Relay
CPC1017N IXYS-CPC1017N Datasheet
137Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1018N IXYS-CPC1018N Datasheet
169Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1025N IXYS-CPC1025N Datasheet
167Kb / 6P
400V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1030N IXYS-CPC1030N Datasheet
176Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1130N IXYS-CPC1130N Datasheet
171Kb / 6P
350V Normally-Closed Single-Pole 4-Pin SOP OptoMOS Relay
CPC1230N IXYS-CPC1230N Datasheet
167Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1019N IXYS-CPC1019N Datasheet
173Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1135N IXYS-CPC1135N Datasheet
171Kb / 6P
350V Normally-Closed Single-Pole 4-Pin SOP OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com