Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1393 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1393
Description  Single-Pole, Normally Open 4-Pin OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1393 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1393 Datasheet HTML 1Page - IXYS Corporation CPC1393 Datasheet HTML 2Page - IXYS Corporation CPC1393 Datasheet HTML 3Page - IXYS Corporation CPC1393 Datasheet HTML 4Page - IXYS Corporation CPC1393 Datasheet HTML 5Page - IXYS Corporation CPC1393 Datasheet HTML 6Page - IXYS Corporation CPC1393 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1393-R07
1
CPC1393
Single-Pole, Normally Open
4-Pin OptoMOS® Relay
Part Number
Description
CPC1393G
4-Pin DIP (100/Tube)
CPC1393GV
4-Pin DIP V-Bend (100/Tube)
CPC1393GR
4-Pin Surface Mount (100/Tube)
CPC1393GRTR
4-Pin Surface Mount (1000/Reel)
Parameter
Rating
Units
Blocking Voltage
600
V
P
Load Current
90
mA
rms / mADC
On-Resistance (max)
50
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
The CPC1393G is a single-pole, normally open
(1-Form-A) Solid State Relay with an enhanced input
to output isolation barrier of 5000V
rms.
The relay output is constructed with efficient
MOSFET switches that use IXYS Integrated Circuits
Division's patented OptoMOS architecture. The input,
a highly efficient infrared LED, controls the optically
coupled output.
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• UL Certified Component: File E76270
• CSA Certified Component: Certificate 1172007
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 13 12 82667 003
• 5000V
rms Input/Output Isolation
• 600V
P Blocking Voltage
• 100% Solid State
• Low Drive Power Requirements
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Small 4-Pin Package
Switching Characteristics
of Normally Open Devices
1
2
3
4
+ Control
– Control
Load
Load
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off


Similar Part No. - CPC1393

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1393 CLARE-CPC1393 Datasheet
125Kb / 6P
Single Pole OptoMOS짰 Relay
CPC1393G CLARE-CPC1393G Datasheet
125Kb / 6P
Single Pole OptoMOS짰 Relay
CPC1393GR CLARE-CPC1393GR Datasheet
125Kb / 6P
Single Pole OptoMOS짰 Relay
CPC1393GRTR CLARE-CPC1393GRTR Datasheet
125Kb / 6P
Single Pole OptoMOS짰 Relay
CPC1393GV CLARE-CPC1393GV Datasheet
125Kb / 6P
Single Pole OptoMOS짰 Relay
More results

Similar Description - CPC1393

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA715 IXYS-LCA715 Datasheet
128Kb / 7P
Single-Pole, Normally Open 6-Pin OptoMOS Relay
CPC1006N IXYS-CPC1006N Datasheet
167Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1008N IXYS-CPC1008N Datasheet
134Kb / 6P
Single-Pole, Normally Open 4-Pin SOP OptoMOS Relay
CPC1390 IXYS-CPC1390 Datasheet
137Kb / 7P
Single Pole, Normally Open 4-Pin OptoMOS Relay
CPC1330 IXYS-CPC1330 Datasheet
132Kb / 7P
Single-Pole, Normally Open 4-Pin OptoMOS Relay
CPC1394 IXYS-CPC1394 Datasheet
136Kb / 7P
Single-Pole, Normally Open 4-Pin OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com