Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1511 Datasheet(PDF) 2 Page - IXYS Corporation

Part # CPC1511
Description  Single-Pole, Normally Open Relay with Thermal Shutdown & Current Limiting
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1511 Datasheet(HTML) 2 Page - IXYS Corporation

  CPC1511 Datasheet HTML 1Page - IXYS Corporation CPC1511 Datasheet HTML 2Page - IXYS Corporation CPC1511 Datasheet HTML 3Page - IXYS Corporation CPC1511 Datasheet HTML 4Page - IXYS Corporation CPC1511 Datasheet HTML 5Page - IXYS Corporation CPC1511 Datasheet HTML 6Page - IXYS Corporation CPC1511 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R02
CPC1511
Absolute maximum electrical ratings are at 25ºC unless
otherwise specified.
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Ratings
Units
Blocking Voltage (V
DRM)
230
V
P
Reverse Input Voltage
5
V
Input LED Current
Continuous
50
mA
Peak (10ms)
0.9
A
Input Power Dissipation 1
150
mW
Total Power Dissipation 2
1435
mW
ESD, Human Body Model
4
kV
Isolation Voltage, Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW/ºC
2 Derate output linearly 14.3 mW/ºC
Absolute Maximum Ratings @ T
A=25ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Current Limit
I
F=5mA, VL=±10V, t=2ms
I
LMT
0.7
-
1.4
A
On-Resistance 1
I
F=5mA, IL=100mA
R
ON
-
2.9
4
I
F=5mA, IL=500mA
-
2.8
4
Off-State Leakage Current
V
F=0V, VL=230V
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=5mA, IL=100mA, VL=10V
t
on
-
0.7
4
ms
Turn-Off
t
off
0.11
2
Output Capacitance
I
F=0mA, VL=1.0V, f=1MHz
C
O
-
230
-
pF
Input Characteristics
Input Control Current to Activate 2
I
L=100mA
I
F
-
1.3
2.5
mA
Input Control Current to Deactivate
I
L=1A
0.2
-
-
LED Forward Voltage
I
F=5mA
V
F
0.9
1.22
1.5
V
Common Characteristics
Input to Output Capacitance
f=1MHz
C
IO
-1
-
pF
Thermal Characteristics
Thermal Shutdown
-
T
SD
120
132
140
ºC
Thermal Impedance (Junction to Ambient)
-
JA
-
70
-
ºC/W
Thermal Characterization Parameter
(Junction to Top)
-
JT
-
13
-
ºC/W
1
Measurement taken within 1 second of on-time.
2
In noisy environments or for T
A > 60ºC, an input control current of 5mA is recommended.
Electrical Characteristics @ T
A=25ºC
Unless otherwise specified, minimum and maximum values are guaranteed by production testing at 25ºC only.
Typical values are characteristic of the device at 25ºC, and are the result of engineering evaluations. They are provided for
informational purposes only, and are not part of the manufacturing testing requirements.
Operating temperature range: T
A = -40ºC to +85ºC.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com