Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90LV044LE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI90LV044LE
Description  LVDS Dual 2x2 Crosspoint/Repeater Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV044LE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI90LV044LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV044LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV044LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV044LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV044LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV044LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV044LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV044LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LV044LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PI90LV044, PI90LVB044
LVDS Dual 2x2 Crosspoint/Repeater Switch
3
PS8485D
09/22/04
Supply Voltage Range, VCC(1).......................................................................–0.5V to 4V
Voltage Range (DE, S0, S1)...............................................................–0.5 to 6V
Input Voltage Range, VI (A or B)..................................... –0.5V to VCC + 0.5V
Electrostatic Discharge: A, B, Y, Z, and GND(2).........Class 3, A: 16kV, B:600V
All Pins..................................................... Class 3, A: 7kV, B:500V
Storage Temperature Range ......................................................–65°C to 150°C
Lead Temperature 1, 6 mm (1/16 inch) from case for 10 seconds........... 260°C
Absolute Maximum Ratings Over Operating Free-Air Temperature(1)
Notes:
1. Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under "Recommended Operating Conditions" is not
implied. Exposure to Absolute-Maximum-Rated conditions for extended periods may affect device reliability.
2. All voltage values, except differential I/O bus voltages, are with respect to ground terminal.
3. Tested in accordance with MIL-STD-883C Method 3015.7
Recommended Operating Conditions
Min.
Nom.
Max.
Units
Supply Voltage, VCC
3.0
3.3
3.6
V
High-Level input voltage, VIH
S1 - S3, 1DE - 4DE
2
Low-Level input voltage, VIL
0.8
Magnitude of Differential Input Voltage | VID |
0.1
0.6
Common Mode input voltage, VIC (see figure 2)
| VID |
2
2.4 - | VID |
2
VCC - 0.8
Operating free-air Temperature, TA
-40
85
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com