Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1563G Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1563G
Description  Single-Pole, Normally Open OptoMOS Relay Integrated Current Limit with Voltage and Thermal Protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1563G Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1563G Datasheet HTML 1Page - IXYS Corporation CPC1563G Datasheet HTML 2Page - IXYS Corporation CPC1563G Datasheet HTML 3Page - IXYS Corporation CPC1563G Datasheet HTML 4Page - IXYS Corporation CPC1563G Datasheet HTML 5Page - IXYS Corporation CPC1563G Datasheet HTML 6Page - IXYS Corporation CPC1563G Datasheet HTML 7Page - IXYS Corporation CPC1563G Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1563-R01
1
CPC1563
RoHS
2002/95/EC
e3
Pb
Single-Pole, Normally Open OptoMOS® Relay
Integrated Current Limit with Voltage and Thermal Protection
Part #
Description
CPC1563G
6-Pin DIP (50/Tube)
CPC1563GS
6-Pin Surface Mount (50/Tube)
CPC1563GSTR
6-Pin Surface Mount, Tape & Reel (1000/Reel)
Parameter
Rating
Units
Load Voltage
600
V
P
Load Current
±120
mA
On-Resistance (max)
35
Input Control Current
2
mA
Applications
Features
Description
Ordering Information
Block Diagram
• Integrated Active Current-Limit with
Over-Voltage Protection
• Thermal Regulation
• Guaranteed Turn-On: 2mA Input Control Current
• 600V
P Blocking Voltage
• 3750V
rms Input/Output Isolation
• Small Surface Mount Package
• Low Drive Power Requirements
(TTL/CMOS Compatible)
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
Switching Characteristics of
Normally Open Devices
Approvals
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
The CPC1563 is a normally open (1-Form-A) Solid
State Relay with an integrated current limit feature
that can replace electromechanical relays while
enhancing the robustness of wireline-interface
applications.
Designed specifically to target the international hook
switch telephony market, the CPC1563 has a load
voltage rating of 600V.
The relay is constructed using a GaAIAs LED
for actuation, output MOSFET switches, and an
integrated monolithic die for switch control. The die,
fabricated in a high-voltage dielectrically isolated
technology, comprises a photodiode array, switch
control with active current limiting circuitry, and
thermal supervision. Active current-limit circuitry in
the CPC1563 with an integrated thermal supervision
feature, offers excellent power-cross immunity for
improved survivability in harsh environments.
These enhancements greatly improve the robustness
of end systems using this device compared
to systems using relays without the integrated
protection features. In addition, the active current limit
circuitry enables the CPC1563 to pass regulatory
voltage surge requirements when adequate
overvoltage protection is provided. The CPC1563
relay may be used in both AC and DC applications.
• Simplifies Telecom Secondary Protection
• Telephony Hook Switch
• VoIP Gateways
• IP-PBXs
• Satellite and Cable Set-top Boxes
• V.92 (and Other Standard) Modems
• Embedded Modems for POS Terminals,
Automated Banking, Remote Metering,
Vending Machines, Security, and Surveillance
• Instrumentation
• Medical Equipment—Patient/Equipment Isolation
• Aerospace
• Industrial Controls
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1172007
• EN/IEC 60950-1 Certified Component:
TUV Certificate: B 10 05 49410 006
Thermal
Management
Gate Drive
Control
Current Limit
and
Over-Voltage
Protection
+
V
F
-
LOAD
LOAD


Similar Part No. - CPC1563G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CPC1563G LITTELFUSE-CPC1563G Datasheet
203Kb / 8P
Single-Pole, Normally Open, Current Limited OptoMOS® Relay
11/18/2025
CPC1563GS LITTELFUSE-CPC1563GS Datasheet
203Kb / 8P
Single-Pole, Normally Open, Current Limited OptoMOS® Relay
11/18/2025
CPC1563GSTR LITTELFUSE-CPC1563GSTR Datasheet
203Kb / 8P
Single-Pole, Normally Open, Current Limited OptoMOS® Relay
11/18/2025
More results

Similar Description - CPC1563G

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
Single-Pole, Normally Open OptoMOS Relay
CPC1593 IXYS-CPC1593 Datasheet
134Kb / 8P
Single-Pole, Normally Open OptoMOS짰 Relay Integrated Current Limit with Voltage and Thermal Protection
CPC1540 IXYS-CPC1540 Datasheet
118Kb / 6P
Single-Pole, Normally Open OptoMOS Relay with Integrated Current Limit and Thermal Shutdown
CPC1510 IXYS-CPC1510 Datasheet
124Kb / 7P
Single-Pole, Normally Open Relay with Integrated Current Limit
PLA140L IXYS-PLA140L Datasheet
123Kb / 7P
Single-Pole, Normally Open, Current-Limiting OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com