Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVSPGBCR44 Datasheet(PDF) 1 Page - TT Electronics.

Part # OVSPGBCR44
Description  1-Watt SMD 6x6mm With Dome Lens
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSPGBCR44 Datasheet(HTML) 1 Page - TT Electronics.

  OVSPGBCR44 Datasheet HTML 1Page - TT Electronics. OVSPGBCR44 Datasheet HTML 2Page - TT Electronics. OVSPGBCR44 Datasheet HTML 3Page - TT Electronics. OVSPGBCR44 Datasheet HTML 4Page - TT Electronics. OVSPGBCR44 Datasheet HTML 5Page - TT Electronics. OVSPGBCR44 Datasheet HTML 6Page - TT Electronics. OVSPGBCR44 Datasheet HTML 7Page - TT Electronics. OVSPGBCR44 Datasheet HTML 8Page - TT Electronics. OVSPGBCR44 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue B 11/2011
Page 1 of 11
Part Number
Beam
Angle
Emitted Color
Typ.
Dominant
Wavelength (nm)
Typ.
Luminous
Intensity (mcd)
Lens Color
OVSPBBCR44
45°
Blue
460
18,000
Clear
OVSPGBCR44
40°
Green
528
67,500
OVSPRBCR44
40°
Red
625
56,000
OVSPW1BCR44
70°
White
N/A
54,000
OVSPYBCR44
40°
Yellow
591
45,000
Applications
•
Automotive interior lighting
•
Architectural indoor and outdoor lighting
•
Electronic signs and signals
OVSPxBCR44 Series
•
Robust energy-efficient design with long operating life
•
Low thermal resistance
•
Medium beam angle
•
High luminous intensity
1-Watt SMD 6x6mm
With Dome Lens
DO NOT LOOK DIRECTLY
AT LED WITH UNSHIELDED
EYES OR DAMAGE TO
RETINA MAY OCCUR.
RoHS
Moisture
2a
Blue
Pin 1
Pin 2
Cathode
Anode
Green, Red, Yellow
White
Pin 1
Pin 2
Anode
Cathode


Similar Part No. - OVSPGBCR44

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSPGBCR4 OPTEK-OVSPGBCR4 Datasheet
559Kb / 11P
1-Watt SMD 6mm (120째 Viewing Angle)
More results

Similar Description - OVSPGBCR44

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSPRBCR44 OPTEK-OVSPRBCR44 Datasheet
601Kb / 9P
1-Watt SMD 6mm With Dome Lens
logo
Vishay Siliconix
VLDS1235 VISHAY-VLDS1235 Datasheet
238Kb / 11P
Dome Lens SMD LED
27-Feb-15
logo
TT Electronics.
OVS5X4CR44 TTELEC-OVS5X4CR44 Datasheet
524Kb / 7P
5-Watt SMD 6x6mm
logo
Vishay Siliconix
VLDX1235 VISHAY-VLDX1235 Datasheet
319Kb / 13P
Dome Lens SMD LED
07-Jun-17
VLDX1535 VISHAY-VLDX1535 Datasheet
322Kb / 11P
Dome Lens SMD LED
07-Mar-17
logo
TT Electronics.
OVSPXBCR44 TTELEC-OVSPXBCR44 Datasheet
1Mb / 11P
1-Watt SMD 6mm With Dome Lens
logo
HK TO-GRACE TECHNOLOGY ...
VLDB1232G-08 TO-GRACE-VLDB1232G-08 Datasheet
745Kb / 10P
Dome Lens SMD LED
VLDS1235G TO-GRACE-VLDS1235G Datasheet
1Mb / 13P
Dome Lens SMD LED
VLDS1535G-08 TO-GRACE-VLDS1535G-08 Datasheet
905Kb / 11P
Dome Lens SMD LED
logo
Vishay Siliconix
VLDTG1232 VISHAY-VLDTG1232_V01 Datasheet
235Kb / 10P
Dome Lens SMD LED
12-Feb-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com