Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT244 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74ACT244
Description  Octal Buffer/Line Driver with 3-STATE Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT244 Datasheet(HTML) 2 Page - ON Semiconductor

  74ACT244 Datasheet HTML 1Page - ON Semiconductor 74ACT244 Datasheet HTML 2Page - ON Semiconductor 74ACT244 Datasheet HTML 3Page - ON Semiconductor 74ACT244 Datasheet HTML 4Page - ON Semiconductor 74ACT244 Datasheet HTML 5Page - ON Semiconductor 74ACT244 Datasheet HTML 6Page - ON Semiconductor 74ACT244 Datasheet HTML 7Page - ON Semiconductor 74ACT244 Datasheet HTML 8Page - ON Semiconductor 74ACT244 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC244, 74ACT244 Rev. 1.4.0
January 2008
74AC244, 74ACT244
Octal Buffer/Line Driver with 3-STATE Outputs
Features
ICC and IOZ reduced by 50%
3-STATE outputs drive bus lines or buffer memory
address registers
Outputs source/sink 24mA
ACT244 has TTL-compatible inputs
General Description
The AC/ACT244 is an octal buffer and line driver
designed to be employed as a memory address driver,
clock driver and bus-oriented transmitter/receiver which
provides improved PC board density.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order Number
Package
Number
Package Description
74AC244SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74AC244SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74AC244MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
74AC244PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
74ACT244SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ACT244SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACT244MSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74ACT244MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
74ACT244PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com