Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7512Z Datasheet(PDF) 14 Page - IXYS Corporation

Part # CPC7512Z
Description  Dual 1-Form-A Shunt-Isolated High-Voltage High-Frequency Analog Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7512Z Datasheet(HTML) 14 Page - IXYS Corporation

Back Button CPC7512Z Datasheet HTML 10Page - IXYS Corporation CPC7512Z Datasheet HTML 11Page - IXYS Corporation CPC7512Z Datasheet HTML 12Page - IXYS Corporation CPC7512Z Datasheet HTML 13Page - IXYS Corporation CPC7512Z Datasheet HTML 14Page - IXYS Corporation CPC7512Z Datasheet HTML 15Page - IXYS Corporation CPC7512Z Datasheet HTML 16Page - IXYS Corporation CPC7512Z Datasheet HTML 17Page - IXYS Corporation CPC7512Z Datasheet HTML 18Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7512
14
www.ixysic.com
R01
4. Design Example
The CPC7512 can be used to provide a multiplexer function in ultrasonic transducer applications allowing the
expense and the PCB real estate consumption of a transducer drive circuitry to be spread across multiple
transducers. The steps to implement this concept are shown in the minimal two channel example below.
To maximize isolation between the drive circuit and non-driven transducer receiver circuits, the SxC terminal must be
connected to ground.
4.1 Startup State Following Power Up
To facilitate a stable and safe power up transition or recovery from a supply voltage droop, all of the switches in the
CPC7512 are preconditioned to the All-Off state upon power up. As can be seen in the figure below, all of the
switches are open.
Figure 6: Power Up Default State
4.2 Initial Configuration State
Following power up, the switches should be placed in the high impedance shunt isolation state. To provide maximum
shunt isolation, switches SW1C and SW2C must be terminated to ground and the switches enabled (Closed). This
state minimizes signal transfer through the open A and B switches.
Figure 7: Switches A and B Open With Shunt Isolation Enabled
S1
B
S1
C
S1
COM
S1
A
S2
B
S2
C
S2
COM
S2
A
SW1
A
SW1
B
SW1
C
SW2
A
SW2
B
SW2
C
X
1
X
2
To Receiver Circuit 1
To Receiver Circuit 2
S1
B
S1
C
S1
COM
S1
A
S2
B
S2
C
S2
COM
S2
A
SW1
A
SW1
B
SW1
C
SW2
A
SW2
B
SW2
C
X
1
X
2
To Receiver Circuit 1
To Receiver Circuit 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com