Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA217 Datasheet(PDF) 1 Page - IXYS Corporation

Part # FDA217
Description  Dual Photovolatic MOSFET Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

FDA217 Datasheet(HTML) 1 Page - IXYS Corporation

  FDA217 Datasheet HTML 1Page - IXYS Corporation FDA217 Datasheet HTML 2Page - IXYS Corporation FDA217 Datasheet HTML 3Page - IXYS Corporation FDA217 Datasheet HTML 4Page - IXYS Corporation FDA217 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
FDA217
Dual Photovolatic MOSFET Driver
www.ixysic.com
DS-FDA217-R03
1
Part #
Description
FDA217
8-Lead DIP (50/tube)
FDA217S
8-Lead Surface Mount (50/tube)
FDA217STR
8-Lead Surface Mount (1000/reel)
Parameter
Rating
Units
Open Circuit Voltage
12.2
V
Short Circuit Current
9.1
A
Applications
Features
Description
Ordering Information
Pin Configuration
MOSFET Driver
Programmable Control
Process Control
Instrumentation
Telecommunications
Solid State Relays
Isolated Switching
Floating Power Supplies
Dual Independent, Floating Outputs for Parallel,
Series, or Isolated Configuration
24.4V Open Circuit Voltage in Series Configuration
18.2
A Short Circuit Current in Parallel Configuration
5mA Control Current
Integrated Turn-Off Circuitry
High Input to Output Isolation: 3750V
rms
Replacement of Discrete Components
No EMI/RFI Generation
Solid State Reliability
Machine Insertable, Wave Solderable
Surface Mount and Tape & Reel Version Available
The FDA217 is a dual photovoltaic MOSFET driver.
Each independent driver consists of an LED that is
optically coupled to a photodiode array.
The driver output is controlled by means of the highly
effective GaAlAs infrared LED at the input. When the
input current is applied to the LED, the light emitted
activates the photodiode array, and generates the
voltage at the output.
The photodiode array is capable of generating a
floating power source with voltage and current
sufficient to drive high-power MOSFET transistors.
Each photodiode array contains an integrated
turn-off circuit that discharges the external MOSFET
gate when LED current is removed. This eliminates
the need to use external components to facilitate the
discharge. The optically coupled technology provides
3750V
rms of input to output isolation.
The FDA217 is well suited for use in discrete solid
state relay designs and in other isolated switching
applications.
1
Input
Output
Input
Output
+
+
2
3
4
8
7
6
5
PV
PV
Approvals
EN/IEC 60950 Certified Component:
TUV Certificate: B 12 11 82667 002


Similar Part No. - FDA217

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
FDA217 CLARE-FDA217 Datasheet
113Kb / 5P
Dual MOSFET Driver
logo
Littelfuse
FDA217 LITTELFUSE-FDA217 Datasheet
196Kb / 5P
Dual Photovoltaic MOSFET Driver
11/18/2025
logo
Clare, Inc.
FDA217S CLARE-FDA217S Datasheet
113Kb / 5P
Dual MOSFET Driver
logo
Littelfuse
FDA217S LITTELFUSE-FDA217S Datasheet
196Kb / 5P
Dual Photovoltaic MOSFET Driver
11/18/2025
logo
Clare, Inc.
FDA217STR CLARE-FDA217STR Datasheet
113Kb / 5P
Dual MOSFET Driver
More results

Similar Description - FDA217

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75372 TI-SN75372 Datasheet
164Kb / 11P
DUAL MOSFET DRIVER
logo
Analog Devices
ADP3414 AD-ADP3414 Datasheet
141Kb / 8P
Dual Bootstrapped MOSFET Driver
REV.0
logo
Maxim Integrated Produc...
ICL7667 MAXIM-ICL7667 Datasheet
143Kb / 4P
Dual Power MOSFET Driver
19-06962; Rev 0; 2/69
logo
Analog Devices
ADP3416 AD-ADP3416 Datasheet
140Kb / 8P
Dual Bootstrapped MOSFET Driver
08/02-Data Sheet changed from REV. 0 to REV. A.
logo
Intersil Corporation
ICL7667 INTERSIL-ICL7667_06 Datasheet
195Kb / 8P
Dual Power MOSFET Driver
April 4, 2006
logo
Clare, Inc.
FDA217 CLARE-FDA217 Datasheet
113Kb / 5P
Dual MOSFET Driver
logo
Texas Instruments
SN75372PSR TI1-SN75372PSR Datasheet
735Kb / 19P
DUAL MOSFET DRIVER
logo
Renesas Technology Corp
ICL7667 RENESAS-ICL7667 Datasheet
567Kb / 11P
Dual Power MOSFET Driver
logo
Silicon Supplies
SIS17601 SS-SIS17601 Datasheet
1,015Kb / 8P
Dual MOSFET Driver
logo
Texas Instruments
SN75372 TI-SN75372_V01 Datasheet
656Kb / 21P
DUAL MOSFET DRIVER
JULY 1986
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com