Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IX4340N Datasheet(PDF) 5 Page - IXYS Corporation

Part # IX4340N
Description  5-Ampere, Dual Low-Side MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4340N Datasheet(HTML) 5 Page - IXYS Corporation

  IX4340N Datasheet HTML 1Page - IXYS Corporation IX4340N Datasheet HTML 2Page - IXYS Corporation IX4340N Datasheet HTML 3Page - IXYS Corporation IX4340N Datasheet HTML 4Page - IXYS Corporation IX4340N Datasheet HTML 5Page - IXYS Corporation IX4340N Datasheet HTML 6Page - IXYS Corporation IX4340N Datasheet HTML 7Page - IXYS Corporation IX4340N Datasheet HTML 8Page - IXYS Corporation IX4340N Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
IX4340
R05
www.ixysic.com
5
2
Performance Data
Unless otherwise noted, data presented in these graphs is typical of device operation at TA=25ºC.
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
1.00
1.25
1.50
1.75
2.00
2.25
2.50
Enable Threshold vs. Temperature
(V
CC=12V)
V
IH
V
IL
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
1.00
1.25
1.50
1.75
2.00
2.25
2.50
Input Threshold vs. Temperature
(V
CC= 12V)
V
IH
V
IL
Frequency (kHz)
0
500
1000
1500
2000
0
25
50
75
100
125
150
Operating Supply Current
vs. Frequency
(C
L=1.8nF, Both Channels Switching)
V
CC=18V
V
CC=12V
V
CC=10V
V
CC=5V
Temperature (ºC)
-50
0
50
100
150
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
Operating Supply Current
vs. Temperature (Outputs Switching)
(V
CC=12V, f=500kHz, CL=500pF)
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
1.2
1.3
1.4
1.5
1.6
1.7
Supply Current vs. Temperature
Outputs in DC ON/OFF Condition
(ENA=ENB=V
CC=12V)
Input=V
CC
Input=0V
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
3.0
3.2
3.4
3.6
3.8
4.0
UVLO Threshold vs. Temperature
UVLO
ON
UVLO
OFF
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
14
15
16
17
18
19
20
21
22
Enable to Output Propagation Delay
vs. Temperature
(V
CC=12V, CL=1.8nF)
EN to Output Low
EN to Output High
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
10
15
20
25
30
Input To Output Propagation Delay
vs. Temperature
(V
CC=12V, CL=1.8 nF)
t
DHL
t
DLH
Supply Voltage (V)
46
8
10
12
14
16
18
10
15
20
25
30
35
Propagation Delay vs. Supply Voltage
(C
L=1.8nF)
Input to Output Low
EN to Output Low
Input to Output High
EN to Output High



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com