Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW4N150 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STW4N150
Description  N-CHANNEL 1500V - 5 - 4A TO-220/TO-247 Very High Voltage PowerMESH MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4N150 Datasheet(HTML) 2 Page - STMicroelectronics

  STW4N150 Datasheet HTML 1Page - STMicroelectronics STW4N150 Datasheet HTML 2Page - STMicroelectronics STW4N150 Datasheet HTML 3Page - STMicroelectronics STW4N150 Datasheet HTML 4Page - STMicroelectronics STW4N150 Datasheet HTML 5Page - STMicroelectronics STW4N150 Datasheet HTML 6Page - STMicroelectronics STW4N150 Datasheet HTML 7Page - STMicroelectronics STW4N150 Datasheet HTML 8Page - STMicroelectronics STW4N150 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STP4N150 - STW4N150
2/11
Table 3: Absolute Maximum ratings
( ) Pulse width limited by safe operating area
(*) Limited only by maximum temperature allowed
Table 4: Thermal Data
Table 5: Avalanche Characteristics
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
Table 6: On /Off
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
1500
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
1500
V
VGS
Gate- source Voltage
± 30
V
ID
Drain Current (continuous) at TC = 25°C
4A
ID
Drain Current (continuous) at TC = 100°C
2.5
A
IDM ( )
Drain Current (pulsed)
12
A
PTOT
Total Dissipation at TC = 25°C
160
W
Derating Factor
1
W/°C
Tj
Tstg
Operating Junction Temperature
Storage Temperature
-55 to 150
°C
TO-220
TO-247
Rthj-case
Thermal Resistance Junction-case Max
0.78
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
62.5
50
°C/W
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
4A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
350
mJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 1 mA, VGS = 0
1500
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating,TC = 125°C
10
500
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 30 V
± 100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
3
4
5V
RDS(on)
Static Drain-source On
Resistance
VGS = 10 V, ID = 2 A
5
7
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com