Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXI858S1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXI858S1
Description  Gate Driver with VReg and Charge Pump Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXI858S1 Datasheet(HTML) 2 Page - IXYS Corporation

  IXI858S1 Datasheet HTML 1Page - IXYS Corporation IXI858S1 Datasheet HTML 2Page - IXYS Corporation IXI858S1 Datasheet HTML 3Page - IXYS Corporation IXI858S1 Datasheet HTML 4Page - IXYS Corporation IXI858S1 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS
www.ixys.com
2
4/29/05
IXI858 / IXI859
SOIC-8 Pin Description
Pin No.
Pin Symbol
I/O
Description
1
VCC
Supply
Power input connects to a rectified high voltage source through a
current limiting series resistor and filter capacitor to ground.
Regulated 13 volt output when the charge pump is active.
2
VOUT
Output
Linear Regulator Output (IXI858 = 5.0V, IXI859 = 3.3V)
3
N/C
No Connect
4
IN
Input
Gate Driver Input
5
GATE
Output
Gate Driver Output. Drives external power MOSFET.
6
GND
Ground
Ground Return
7
VSUP
I/O
Charge Pump Switch Input. Enables / disables the charge pump
output. Requires a low ESR capacitor.
8
VCAP
I/O
Charge Pump Switch Output. Rectified charge pump output.
Requires a low ESR capacitor.
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
VCC
DC Supply Voltage
-0.4
+20.0
V
VOUT
Logic System Supply Voltage
-0.4
+6.0
V
VIN
Gate Input Voltage
-0.4
+6.0
V
ISUP
Continuous current into VSUP pin
-200
+200
mA
IPEAK
Peak Current into VSUP
-1
+1
A
PD
Power Dissipation
500
mW
TJ
Maximum Junction Temperature
+150
oC
TSTG
Storage Temperature
-65
+150
oC
Absolute Maximum Ratings are stress ratings. Stresses in excess of these
ratings can cause permanent damage to the device. Functional operation of the
device at these or any other conditions beyond those indicated in the operational
sections of this data sheet is not implied. Exposure of the device to the absolute
maximum ratings for an extended period may degrade the device and affect its
reliability.
ESD Warning
ESD (electrostatic discharge) sensitive device. Although the IXI858 / IXI859 feature proprietary ESD protection circuitry, permanent
damage may be sustained if subjected to high energy electrostatic discharges. Proper ESD precautions are recommended to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com