Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IX4340UE Datasheet(PDF) 3 Page - IXYS Corporation

Part # IX4340UE
Description  5-Ampere, Dual Low-Side MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4340UE Datasheet(HTML) 3 Page - IXYS Corporation

  IX4340UE Datasheet HTML 1Page - IXYS Corporation IX4340UE Datasheet HTML 2Page - IXYS Corporation IX4340UE Datasheet HTML 3Page - IXYS Corporation IX4340UE Datasheet HTML 4Page - IXYS Corporation IX4340UE Datasheet HTML 5Page - IXYS Corporation IX4340UE Datasheet HTML 6Page - IXYS Corporation IX4340UE Datasheet HTML 7Page - IXYS Corporation IX4340UE Datasheet HTML 8Page - IXYS Corporation IX4340UE Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
IX4340
R05
www.ixysic.com
3
1
Specifications
1.1 Pin Configuration
1.2 Logic Table
1.3 Pin Definitions
1.4 Absolute Maximum Ratings
Absolute maximum electrical ratings are at TA=25°C
Absolute maximum ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device.
Functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not
implied.
ENA
INA
GND
INB
ENB
OUTA
V
CC
OUTB
1
2
3
4
8
7
6
5
A
B
IXx
ENx
VCC
OUTx
11
VCC>UVLOON
1
01
VCC>UVLOON
0
x0
VCC>UVLOON
0
xx
VCC<UVLOON
0
Pin #
Name Description
1ENA
Enable input for Channel A. A logic high (or floating) enables Channel A (the state of OUTA is determined by INA). A logic
low disables OUTA (OUTA held low regardless of INA).
2
INA
Channel A logic input. Internally pulled to GND.
3
GND
Ground. Common ground reference for the device.
4
INB
Channel B logic input. Internally pulled to GND.
5
OUTB Channel B output, capable of sourcing and sinking 5A
6
VCC
Supply Voltage.
7
OUTA
Channel A output, capable of sourcing and sinking 5A
8ENB
Enable input for Channel B. A logic high (or floating) enables Channel B (the state of OUTB is determined by INB). A logic
low disables OUTB (OUTB held low regardless of INB).
The thermal pad on the bottom of the thermally enhanced devices, IX4340NE and IX4340UE, may be connected to GND or left floating;
it must not be connected to any other net. The thermal pad is not intended to carry current.
Parameter
Symbol
Minimum
Maximum
Units
Supply Voltage
VCC
-0.3
20
V
Input Voltage
VIN
-0.3
20
V
Output Current
IOUT
-±5
A
ESD Rating (Human Body Model)
VESD
-4000
+4000
V
Junction Temperature
TJ
-55
+150
°C
Storage Temperature
TSTG
-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com