Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAA150 Datasheet(PDF) 1 Page - IXYS Corporation

Part # PAA150
Description  Dual Single-Pole, Normally Open OptoMOS Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PAA150 Datasheet(HTML) 1 Page - IXYS Corporation

  PAA150 Datasheet HTML 1Page - IXYS Corporation PAA150 Datasheet HTML 2Page - IXYS Corporation PAA150 Datasheet HTML 3Page - IXYS Corporation PAA150 Datasheet HTML 4Page - IXYS Corporation PAA150 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-PAA150-R06
1
PAA150
Dual Single-Pole, Normally Open
OptoMOS® Relays
e3
Pb
Part #
Description
PAA150
8-Lead DIP (50/tube)
PAA150P
8-Lead Flatpack (50/tube)
PAA150PTR
8-Lead Flatpack (1000/Reel)
PAA150S
8-Lead Surface Mount (50/tube)
PAA150STR
8-Lead Surface Mount (1000/Reel)
Parameter
Rating
Units
Load Voltage
250
V
P
Load Current
250
mA
rms / mADC
On-Resistance (max)
7
Applications
Features
Description
Ordering Information
Pin Configuration
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Small 8-Pin Packages
• Machine Insertable, Wave Solderable
• Tape & Reel Versions Available
Approvals
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
Switching Characteristics
of Normally Open Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
2
3
4
+ Control - Switch #1
- Control - Switch #1
+ Control - Switch #2
- Control - Switch #2
8
7
6
5
Load - Switch #1
AC/DC Configuration
Load - Switch #1
Load - Switch #2
Load - Switch #2
The PAA150 is a dual, 250V, 250mA, 7
, normally
open (1-Form-A) relay that uses optically coupled
MOSFET technology to provide 3750V
rms of input to
output isolation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
This high performance leader provides a more cost
effective solution where very low on-resistance is
required, but enhanced peak load voltage is not
required.


Similar Part No. - PAA150

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PAA150 CLARE-PAA150 Datasheet
111Kb / 5P
DUAL POLE OptoMOS Relay
logo
Littelfuse
PAA150 LITTELFUSE-PAA150 Datasheet
199Kb / 5P
250V, 250mA Dual Single-Pole
11/18/2025
logo
RSG Electronic Componen...
PAA150F RSG-PAA150F Datasheet
100Kb / 2P
Unit type
PAA150F-12 RSG-PAA150F-12 Datasheet
100Kb / 2P
Unit type
PAA150F-12 RSG-PAA150F-12 Datasheet
417Kb / 12P
AC-DC Power Supplies Enclosed type
More results

Similar Description - PAA150

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LAA125 IXYS-LAA125_12 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
LAA126 IXYS-LAA126_12 Datasheet
123Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
LAA126L IXYS-LAA126L_12 Datasheet
105Kb / 5P
Dual Single-Pole, Normally Open OptoMOS Relays
LAA127L IXYS-LAA127L_12 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LBA716 IXYS-LBA716_12 Datasheet
136Kb / 8P
Dual Single-Pole OptoMOS Relays Normally Open & Normally Closed
PAA110 IXYS-PAA110 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
PAA140 IXYS-PAA140 Datasheet
132Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
PAA140L IXYS-PAA140L Datasheet
123Kb / 7P
Dual Single-Pole, Normally Open, Current-Limiting OptoMOS Relays
PAA191 IXYS-PAA191 Datasheet
122Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
XAA170 IXYS-XAA170 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com