Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBB150P Datasheet(PDF) 1 Page - IXYS Corporation

Part # PBB150P
Description  Dual Single-Pole, Normally Closed OptoMOS Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PBB150P Datasheet(HTML) 1 Page - IXYS Corporation

  PBB150P Datasheet HTML 1Page - IXYS Corporation PBB150P Datasheet HTML 2Page - IXYS Corporation PBB150P Datasheet HTML 3Page - IXYS Corporation PBB150P Datasheet HTML 4Page - IXYS Corporation PBB150P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
PBB150
Dual Single-Pole, Normally Closed
OptoMOS® Relay
www.ixysic.com
DS-PBB150-R05
1
Part #
Description
PBB150
8-Lead DIP (50/Tube)
PBB150P
8-Lead Flatpack (50/Tube)
PBB150PTR
8-Lead Flatpack (1000/Reel)
PBB150S
8-Lead Surface Mount (50/Tube)
PBB150STR
8-Lead Surface Mount (1,000/Reel)
Parameter
Ratings
Units
Blocking Voltage
250
V
P
Load Current
250
mA
rms / mADC
On-Resistance (max)
7
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• High Reliability
• Arc-Free With No Snubbing Circuits
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Small 8-Pin Package
• Machine Insertable, Wave Solderable
• Surface Mount, Tape & Reel Versions Available
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
e3
Pb
Switching Characteristics
of Normally Closed Devices
Form-B
I
F
10%
90%
I
LOAD
t
on
t
off
1
2
3
4
8
7
6
5
+ Control - Switch #1
- Control - Switch #1
+ Control - Switch #2
- Control - Switch #2
Load - Switch #1
AC/DC Configuration
Load - Switch #1
Load - Switch #2
Load - Switch #2
PBB150 is a dual single-pole, normally closed
(1-Form-B) solid state relay comprising two
independently controlled, optically coupled MOSFET
switches that use optically coupled MOSFET
technology to provide 3750V
rms of input to output
isolation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
Dual single-pole OptoMOS relays provide a more
compact design solution than discrete single-pole
relays in a variety of applications by incorporating
both relays in a single 8-pin package.


Similar Part No. - PBB150P

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PBB150P CLARE-PBB150P Datasheet
110Kb / 5P
DUAL POLE OptoMOS Relay
logo
Littelfuse
PBB150P LITTELFUSE-PBB150P Datasheet
200Kb / 5P
250V, 250mA Dual Single-Pole
11/18/2025
logo
Clare, Inc.
PBB150PTR CLARE-PBB150PTR Datasheet
110Kb / 5P
DUAL POLE OptoMOS Relay
logo
Littelfuse
PBB150PTR LITTELFUSE-PBB150PTR Datasheet
200Kb / 5P
250V, 250mA Dual Single-Pole
11/18/2025
More results

Similar Description - PBB150P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LBB110 IXYS-LBB110_12 Datasheet
136Kb / 7P
Dual Single-Pole, Normally Closed OptoMOS Relay
LBB120 IXYS-LBB120 Datasheet
124Kb / 7P
Dual Single-Pole, Normally Closed OptoMOS Relay
LBB126 IXYS-LBB126 Datasheet
135Kb / 7P
Dual Single-Pole, Normally Closed OptoMOS Relay
LBB127 IXYS-LBB127 Datasheet
171Kb / 7P
Dual Single-Pole, Normally Closed OptoMOS Relay
LCB110 IXYS-LCB110 Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB127 IXYS-LCB127 Datasheet
159Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB717 IXYS-LCB717 Datasheet
132Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
PLB150 IXYS-PLB150 Datasheet
105Kb / 5P
Single Pole, Normally Closed OptoMOS Relay
PBB190 IXYS-PBB190 Datasheet
129Kb / 7P
Dual Single-Pole, Normally Closed OptoMOS Relay
XBB170 IXYS-XBB170 Datasheet
135Kb / 7P
Dual Single-Pole, Normally Closed OptoMOS Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com