Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLA132 Datasheet(PDF) 4 Page - IXYS Corporation

Part # PLA132
Description  Single-Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLA132 Datasheet(HTML) 4 Page - IXYS Corporation

  PLA132 Datasheet HTML 1Page - IXYS Corporation PLA132 Datasheet HTML 2Page - IXYS Corporation PLA132 Datasheet HTML 3Page - IXYS Corporation PLA132 Datasheet HTML 4Page - IXYS Corporation PLA132 Datasheet HTML 5Page - IXYS Corporation PLA132 Datasheet HTML 6Page - IXYS Corporation PLA132 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R04
PLA132
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
PERFORMANCE DATA @ 25ºC (Unless Otherwise Noted) *
I
F =5mA
I
F =10mA
-40
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-20
0
20
40
60
80
100
Typical Turn-On Time
vs. Temperature
(I
L=80mA)
Temperature (ºC)
-40
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
-20
0
20
40
60
80
100
I
F =10mA
I
F =5mA
Temperature (ºC)
Typical Turn-Off Time
vs. Temperature
(I
L=80mA)
-40
1.2
1.1
1.0
0.9
0.8
0.7
0.6
-20
0
20
40
60
80
100
Temperature (ºC)
Typical On-Resistance
vs. Temperature
(I
F=2mA, IL=600mADC)
-40
-20
0
20
40
60
80
100
1.2
1.0
0.8
0.6
0.4
0.2
0
Temperature (ºC)
Typical I
F for Switch Operation
vs. Temperature
(I
L=300mA)
-40
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical I
F for Switch Dropout
vs. Temperature
(I
L=300mA)
Load Voltage (V)
600
400
200
0
-200
-400
-600
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
Typical Load Current
vs. Load Voltage
(I
F=2mA)
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
-40
-20
0
20
40
60
80
120
100
DC
AC/DC
Maximum Load Current
vs. Temperature
(I
F=2mA)
Temperature (ºC)
-40
72
70
68
66
64
62
60
58
-20
0
20
40
60
80
100
Temperature (ºC)
Typical Blocking Voltage
vs. Temperature
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
Measured Across Pins 4&6
(V
L=60V)
Temperature (ºC)
Time
10 s
2.2
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
1ms
100 s
100ms
1s
10ms
10s
100s
Energy Rating Curve
2.0
0
0.2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com