Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEZDPD3603A Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MEZDPD3603A
Description  Programmable 36V DC/DC Power Supply up to 3A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MEZDPD3603A Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MEZDPD3603A Datasheet HTML 2Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 3Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 4Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 5Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 6Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 7Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 8Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 9Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
mEZDPD3603A
Programmable 36V DC/DC Power Supply up to 3A
mEZDPD3603A Rev. 1.01
www.MonolithicPower.com
8
10/16/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Qty
Description
Designator
Footprint
PN
Manufacturer
1
0603-220NF-X7R-25V
C1
CAP0603-S
885012206073
Wurth
2
1206-4.7UF-X7R-50V
C3, Cin
CAP1206S
GRM31CR71H475KA12L
Marata
1
0603-100NF-X7R-50V
C6
CAP0603-S
885012206095
Wurth
1
0603-1UF-X7R-16V
C7
CAP0603-S
885012206052
Wurth
0603-1UF-X7R-16V
Option1
CAP0603-S
CGA3E1X7R1C105KT0Y0N
TDK
0603-1UF-X5R-16V
Option2
CAP0603-S
GRM188R61C105KA12J
Marata
2
1206-22UF-X7R-25V
Cout1, Cout2
CAP1206S
GRM31CC71E226ME11L
Marata
1206-22UF-X5R-25V
Option1
CAP1206S
GRM31CR61E226KE15L
Marata
SMD/SMT 22uF 25V X5R
±20% 1206
Option2
CAP1206S
TMK316BBJ226ML-T
Taiyo Yuden
1
Bead,5A,30
Ω@100MHz
FB1
RES0603
MPZ1608S300ATAH0
TDK
Bead,5A,30
Ω@100MHz
Option
RES0603
BLM18KG300TN1D
Marata
1
10uH, 4A, 7mm x 7mm
inductor
L1
7mm x 7mm
MPL-AY6030-100
MPS
1
Film Res,1%,0603,1M
R1
RES0603
RC0603FR-071ML
Yageo
1
Chinafastpcb / For
mEZDPD3603A
-
-
VH-23*16-MPS-01-A
ChinaFastPCB
1
Lid-14.5x14.5-01
-
-
Lid-14.5x14.5-01
Yuyuan
1
MPS DCDC IC
U1
FCQFN_16P_
3X3MM
DIY8883GQ-0001
MPS
INTERNAL MODULE SCHEMATIC
BILL OF MATERIALS
Do It Yourself!
 BOM provided below
 Design Files can be
downloaded
 Purchase DIY8883GQ-
001 IC separately



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com