Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9833 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9833
Description  Programmable Waveform Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9833 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9833 Datasheet HTML 12Page - Analog Devices AD9833 Datasheet HTML 13Page - Analog Devices AD9833 Datasheet HTML 14Page - Analog Devices AD9833 Datasheet HTML 15Page - Analog Devices AD9833 Datasheet HTML 16Page - Analog Devices AD9833 Datasheet HTML 17Page - Analog Devices AD9833 Datasheet HTML 18Page - Analog Devices AD9833 Datasheet HTML 19Page - Analog Devices AD9833 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
AD9833
Data Sheet
Rev. F | Page 16 of 21
RESET FUNCTION
The reset function resets appropriate internal registers to 0 to
provide an analog output of midscale. Reset does not reset the
phase, frequency, or control registers. When the AD9833 is
powered up, the part should be reset. To reset the AD9833, set
the reset bit to 1. To take the part out of reset, set the bit to 0. A
signal appears at the DAC to output eight MCLK cycles after
reset is set to 0.
Table 13. Applying the Reset Function
Reset Bit
Result
0
No reset applied
1
Internal registers reset
SLEEP FUNCTION
Sections of the AD9833 that are not in use can be powered
down to minimize power consumption. This is done using the
sleep function. The parts of the chip that can be powered down
are the internal clock and the DAC. The bits required for the
sleep function are outlined in Table 14.
Table 14. Applying the Sleep Function
SLEEP1 Bit
SLEEP12 Bit
Result
0
0
No power-down
0
1
DAC powered down
1
0
Internal clock disabled
1
1
Both the DAC powered down
and the internal clock disabled
DAC Powered Down
This is useful when the AD9833 is used to output the MSB
of the DAC data only. In this case, the DAC is not required;
therefore, it can be powered down to reduce power
consumption.
Internal Clock Disabled
When the internal clock of the AD9833 is disabled, the DAC
output remains at its present value because the NCO is no
longer accumulating. New frequency, phase, and control words
can be written to the part when the SLEEP1 control bit is active.
The synchronizing clock is still active, which means that the
selected frequency and phase registers can also be changed
using the control bits. Setting the SLEEP1 bit to 0 enables the
MCLK. Any changes made to the registers while SLEEP1 is
active will be seen at the output after a latency period.
VOUT PIN
The AD9833 offers a variety of outputs from the chip, all of which
are available from the VOUT pin. The choice of outputs is the
MSB of the DAC data, a sinusoidal output, or a triangle output.
The OPBITEN (D5) and mode (D1) bits in the control register
are used to decide which output is available from the AD9833.
MSB of the DAC Data
The MSB of the DAC data can be output from the AD9833. By
setting the OPBITEN (D5) control bit to 1, the MSB of the DAC
data is available at the VOUT pin. This is useful as a coarse clock
source. This square wave can also be divided by 2 before being
output. The DIV2 (D3) bit in the control register controls the
frequency of this output from the VOUT pin.
Sinusoidal Output
The SIN ROM is used to convert the phase information from
the frequency and phase registers into amplitude information
that results in a sinusoidal signal at the output. To have a sinusoidal
output from the VOUT pin, set the mode (D1) bit to 0 and the
OPBITEN (D5) bit to 0.
Triangle Output
The SIN ROM can be bypassed so that the truncated digital
output from the NCO is sent to the DAC. In this case, the
output is no longer sinusoidal. The DAC will produce a 10-bit
linear triangular function. To have a triangle output from the
VOUT pin, set the mode (D1) bit = 1.
Note that the SLEEP12 bit must be 0 (that is, the DAC is enabled)
when using this pin.
Table 15. Outputs from the VOUT Pin
OPBITEN Bit
Mode Bit
DIV2 Bit
VOUT Pin
0
0
X1
Sinusoid
0
1
X1
Triangle
1
0
0
DAC data MSB/2
1
0
1
DAC data MSB
1
1
X1
Reserved
1
X = don’t care.
VOUT MIN
VOUT MAX
2π
4π
6π
Figure 25. Triangle Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com