Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9914/PCBZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9914/PCBZ
Description  3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914/PCBZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9914/PCBZ Datasheet HTML 23Page - Analog Devices AD9914/PCBZ Datasheet HTML 24Page - Analog Devices AD9914/PCBZ Datasheet HTML 25Page - Analog Devices AD9914/PCBZ Datasheet HTML 26Page - Analog Devices AD9914/PCBZ Datasheet HTML 27Page - Analog Devices AD9914/PCBZ Datasheet HTML 28Page - Analog Devices AD9914/PCBZ Datasheet HTML 29Page - Analog Devices AD9914/PCBZ Datasheet HTML 30Page - Analog Devices AD9914/PCBZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
Data Sheet
AD9914
Rev. F | Page 27 of 45
DROVER Pin
The DROVER pin provides an external signal to indicate the status
of the DRG. Specifically, when the DRG output is at either of
the programmed limits, the DROVER pin is Logic 1; otherwise,
it is Logic 0. In the special case of both no-dwell bits set, the
DROVER pin pulses positive for two DDS clock cycles each
time the DRG output reaches either of the programmed limits.
Frequency Jumping Capability in DRG Mode
Another feature of the AD9914 allows the user to skip a predefined
range of frequencies during a normal sweep. The frequency jump
enable bit in CFR2 (0x01[14]) enables this functionality. When
this bit is set, the sweeping logic monitors the instantaneous
frequency. When it reaches the frequency point defined in the
lower frequency jump register (0x09) on the next accumulation
cycle, instead of accumulating a delta tuning word as in normal
sweeping, it skips directly to the frequency value set in the upper
frequency jump register (0x0A), and vice versa. Figure 40 shows
how this feature works.
A second frequency jump can also be allowed if the frequency
jump registers are reprogrammed before the sweeping is complete.
The following rules apply when this feature is enabled.
The frequency jump values must lie between the lower
limit and upper limit of the frequency sweep range.
The lower frequency jump register value must be lower
than that of the upper frequency jump register value.
FREQUENCY
t
UPPER LIMIT
0x09
0x0A
LOWER LIMIT
Figure 40. Frequency vs. Time
POWER-DOWN CONTROL
The AD9914 offers the ability to independently power down
three specific sections of the device. Power-down functionality
applies to the following:
Digital core
DAC
Input REF CLK clock circuitry
A power-down of the digital core disables the ability to update
the serial/parallel input/output port. However, the digital
power-down bit (0x00[7]) can still be cleared to prevent the
possibility of a nonrecoverable state.
Software power-down is controlled via three independent
power-down bits in CFR1. Software control requires that the
EXT_PWR_DWN pin be forced to a Logic 0 state. In this case,
setting the desired power-down bits (0x00[7:5]) via the serial
input/output port powers down the associated functional block,
whereas clearing the bits restores the function.
Alternatively, all three functions can be simultaneously powered
down via external hardware control through the EXT_PWR_DWN
pin. When this pin is forced to Logic 1, all four circuit blocks are
powered down regardless of the state of the power-down bits;
that is, the independent power-down bits in CFR1 are ignored
and overridden when EXT_PWR_DWN is Logic 1.
Based on the state of the external power-down control bit, the
EXT_PWR_DWN pin produces either a full power-down or a
fast recovery power-down. The fast recovery power-down mode
maintains power to the DAC bias circuitry and the PLL, VCO,
and input clock circuitry. Although the fast recovery power-down
does not conserve as much power as the full power-down, it allows
the device to awaken very quickly from the power-down state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com