Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM8713 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TM8713
Description  4 Bit Microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TM8713 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TM8713 Datasheet HTML 2Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 3Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 4Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 5Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 6Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 7Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 8Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 9Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TM8713
tenx technology, inc.
Rev.1.4
2001/9/4
10
TYPICAL APPLICATION CIRCUIT
This application circuit is simply an example, and is not guaranteed to work.
LCD Panel
TM8713
XIN
XOUT
COM1~5, SEG1~12, SEG21~35
15P
15P
32.768KHz
Crystal
CUP1
CUP2
0.1u
VDD3
VDD2
VDD1
BAK
GND
0.1u
0.1u
RH
RT
RR
CX
EL Plant
L
ELP
ELC
IOA,IOB,IOC
Ag power mode, 1/3 Bias, 1/5 Duty
Ag power mode, 1/3 Bias, 1/5 Duty
Ag power mode, 1/3 Bias, 1/5 Duty
Ag power mode, 1/3 Bias, 1/5 Duty
I/O Port
Key Matrix
K1~12KI1~KI4
Key Scaning
1.5V
0.1u
0.1u
INT
External INT.
RESET
0.1u
BZ(BZB)
Buzzer
Choke



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com