Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS507 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS507
Description  High Precision Rail-to-Rail Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS507 Datasheet(HTML) 2 Page - STMicroelectronics

  TS507 Datasheet HTML 1Page - STMicroelectronics TS507 Datasheet HTML 2Page - STMicroelectronics TS507 Datasheet HTML 3Page - STMicroelectronics TS507 Datasheet HTML 4Page - STMicroelectronics TS507 Datasheet HTML 5Page - STMicroelectronics TS507 Datasheet HTML 6Page - STMicroelectronics TS507 Datasheet HTML 7Page - STMicroelectronics TS507 Datasheet HTML 8Page - STMicroelectronics TS507 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TS507
Absolute Maximum Ratings
2/9
1
Absolute Maximum Ratings
Table 2: Operating Conditions
Table 1: Key parameters and their absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage 1
1)
All voltage values, except differential voltage are with respect to network ground terminal.
6V
Vid
Differential Input Voltage 2
2)
Differential voltages are the non-inverting input terminal with respect to the inverting input t erminal.
±5.5
V
Vin
Input Voltage 3
3)
The magnitude of input and output voltages must never exceed VCC +0.3V.
Gnd to Vcc
V
Toper
Operating Free Air Temperature Range
-40 to +125
°C
Tstg
Storage Temperature Range
-65 to +150
Tj
Maximum Junction Temperature
150
°C
Rthjc
Thermal Resistance Junction to Case 4
SOT23-5
SO8
DIP8
4)
Short-circuits can cause excessive heating and destructive dissipation.
81
28
80
°C/W
Rthja
Thermal Resistance Junction to Ambient - SOT23-5
256
°C/W
ESD
Human Body Model
2
kV
Lead Temperature (soldering, 10sec)
260
°C
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.7 to 5.5
V
Vicm
Common Mode Input Voltage Range
VDD -0.2 to VCC +0.1
V



Html Pages

1 2 3 4 5 6 7 8 9