Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS507IN Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS507IN
Description  High Precision Rail-to-Rail Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS507IN Datasheet(HTML) 2 Page - STMicroelectronics

  TS507IN Datasheet HTML 1Page - STMicroelectronics TS507IN Datasheet HTML 2Page - STMicroelectronics TS507IN Datasheet HTML 3Page - STMicroelectronics TS507IN Datasheet HTML 4Page - STMicroelectronics TS507IN Datasheet HTML 5Page - STMicroelectronics TS507IN Datasheet HTML 6Page - STMicroelectronics TS507IN Datasheet HTML 7Page - STMicroelectronics TS507IN Datasheet HTML 8Page - STMicroelectronics TS507IN Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TS507
Absolute Maximum Ratings
2/9
1
Absolute Maximum Ratings
Table 2: Operating Conditions
Table 1: Key parameters and their absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage 1
1)
All voltage values, except differential voltage are with respect to network ground terminal.
6V
Vid
Differential Input Voltage 2
2)
Differential voltages are the non-inverting input terminal with respect to the inverting input t erminal.
±5.5
V
Vin
Input Voltage 3
3)
The magnitude of input and output voltages must never exceed VCC +0.3V.
Gnd to Vcc
V
Toper
Operating Free Air Temperature Range
-40 to +125
°C
Tstg
Storage Temperature Range
-65 to +150
Tj
Maximum Junction Temperature
150
°C
Rthjc
Thermal Resistance Junction to Case 4
SOT23-5
SO8
DIP8
4)
Short-circuits can cause excessive heating and destructive dissipation.
81
28
80
°C/W
Rthja
Thermal Resistance Junction to Ambient - SOT23-5
256
°C/W
ESD
Human Body Model
2
kV
Lead Temperature (soldering, 10sec)
260
°C
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.7 to 5.5
V
Vicm
Common Mode Input Voltage Range
VDD -0.2 to VCC +0.1
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com