Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLA192 Datasheet(PDF) 2 Page - IXYS Corporation

Part # PLA192
Description  Single Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLA192 Datasheet(HTML) 2 Page - IXYS Corporation

  PLA192 Datasheet HTML 1Page - IXYS Corporation PLA192 Datasheet HTML 2Page - IXYS Corporation PLA192 Datasheet HTML 3Page - IXYS Corporation PLA192 Datasheet HTML 4Page - IXYS Corporation PLA192 Datasheet HTML 5Page - IXYS Corporation PLA192 Datasheet HTML 6Page - IXYS Corporation PLA192 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R07
PLA192
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to the
device. Functional operation of the device at conditions beyond
those indicated in the operational sections of this data sheet is
not implied.
Parameter
Rating
Units
Blocking Voltage
600
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
150
mW
Total Package Dissipation 2
800
mW
Isolation Voltage, Input to Output
(60 Seconds)
5000
V
rms
ESD Rating, Human Body Model
4
kV
Operational Temperature
-40 to +85
ºC
Storage Temperature
-40 to +125
ºC
1 Derate linearly 1.33 mW / ºC
2 Derate linearly 6.67 mW / ºC
Absolute Maximum Ratings @ 25ºC (Unless Otherwise Noted)
Electrical Characteristics @ 25ºC (Unless Otherwise Noted)
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current
Continuous, AC/DC Configuration
-
I
L
-
-
150
mA
rms / mADC
Continuous, DC-Only Configuration
-
-
-
220
mA
DC
Peak
t=10ms
I
LPK
-
-
±400
mA
P
On-Resistance
AC/DC Configuration
I
L=150mA
R
ON
-
13.3
22
DC-Only Configuration
I
L=220mA
-
4.15
8
Off-State Leakage Current
V
L=600VP
I
LEAK
--
1
A
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
--
5
ms
Turn-Off
t
off
--
5
Output Capacitance
V
L=50V, f=1MHz
C
OUT
-10
-
pF
Input Characteristics
Input Control Current to Activate
I
L=100mA
I
F
-
0.22
5
mA
Input Control Current to Deactivate
-
I
F
0.1
0.21
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
--
10
A
Common Characteristics
Input to Output Capacitance
-
C
I/O
-3
-
pF
PLA192E Safety and Insulation Ratings
Parameters
Conditions
Symbol
Min
Max
Units
Pollution Degree 2 according to DIN VDE 0109
-
----
Highest Allowable Over-Voltage
Transient Voltage
V
IOTM
7071
-
V
P
Maximum Working Insulation Voltage
Recurring Voltage
V
IORM
1000
-
V
P
Partial Discharge Test Voltage
DIN EN 60747-5-5 Method B
V
PR
-
1875
V
P
Isolation Test Voltage
-
V
ISO
-
5000
V
rms
Creepage Distance
-
-
7.6
-
mm
Clearance Distance
-
-
7.6
-
mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com