Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC830LP6GE Datasheet(PDF) 2 Page - Analog Devices

Part # HMC830LP6GE
Description  Fractional-N PLL with Integrated VCO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC830LP6GE Datasheet(HTML) 2 Page - Analog Devices

  HMC830LP6GE Datasheet HTML 1Page - Analog Devices HMC830LP6GE Datasheet HTML 2Page - Analog Devices HMC830LP6GE Datasheet HTML 3Page - Analog Devices HMC830LP6GE Datasheet HTML 4Page - Analog Devices HMC830LP6GE Datasheet HTML 5Page - Analog Devices HMC830LP6GE Datasheet HTML 6Page - Analog Devices HMC830LP6GE Datasheet HTML 7Page - Analog Devices HMC830LP6GE Datasheet HTML 8Page - Analog Devices HMC830LP6GE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
2
HMC830LP6GE
v03.0512
Fractional-n Pll with integrated Vco
25 - 3000 Mhz
general description
the hMC830LP6ge is a low noise, wide band, Fractional-n Phase-Locked-Loop (PLL) that features an integrated
Voltage Controlled Oscillator (VCO) with a fundamental frequency of 1500 Mhz - 3000 Mhz, and an integrated VCO
Output divider (divide by 1/2/4/6.../60/62), that together allow the hMC830LP6ge to generate frequencies from
25 Mhz to 3000 Mhz. the integrated Phase detector (Pd) and delta-sigma modulator, capable of operating at up to
100 Mhz, permit wider loop-bandwidths with excellent spectral performance.
the hMC830LP6ge features industry leading phase noise and spurious performance, across all frequencies, that
enable it to minimize blocker effects, and improve receiver sensitivity and transmitter spectral purity. the superior
noise floor (< -170 dBc/hz) makes the hMC830LP6ge an ideal source for a variety of applications - such as; LO for
rF mixers, a clock source for high-frequency data-converters, or a tunable reference source for ultra-low spurious
applications.
additional features of the hMC830LP6ge include rF output power control from 0 to 9 dB (3 dB steps), output Mute
function, and a delta-sigma modulator exact Frequency Mode which enables users to generate output frequencies
with 0 hz frequency error.
For theory of operation and register map refer to the “PLLs with integrated VCOs - rF VCOs Operating guide”. To
view the Operating Guide, please visit www.hittite.com and choose HMC830LP6GE from the “Search by Part
Number” pull down menu.
Parameter
Condition
Min.
typ.
Max.
Units
RF Output Characteristics
Output Frequency
25
3000
Mhz
VCO Frequency at PLL input
1500
3000
Mhz
rF Output Frequency at fVCO
1500
3000
Mhz
Output Power
rF Output Power at fVCO = 2000 Mhz
across all Frequencies see Figure 10
Broadband Matched internally
[1]
4.5
6
7.5
dBm
Output Power Control
3 dB steps
7
9
dB
Harmonics
fo Mode at 2 ghz
2nd / 3rd / 4th
-20/-29/-45
dBc
fo/2 Mode at 2ghz/2 = 1 ghz
2nd / 3rd / 4th
-23/-15/-35
dBc
fo/30 Mode at 3 ghz/30 = 100 Mhz
2nd / 3rd / 4th
-25/-10/-33
dBc
fo/62 Mode at 1550 Mhz/62 = 25 Mhz
2nd / 3rd / 4th
-17/-8/-21
dBc
VCO Output Divider
VCO rF divider range
1,2,4,6,8,...,62
1
62
PLL RF Divider Characteristics
19-Bit n-divider range (integer)
Max = 219 - 1
16
524,287
19-Bit n-divider range (Fractional)
Fractional nominal divide ratio
varies (-3 / +4) dynamically max
20
524,283
REF Input Characteristics
Max ref input Frequency
350
Mhz
ref input Voltage
aC Coupled
[2]
1
2
3.3
Vp-p
ref input Capacitance
5
pF
electrical Specifications
VPPcP, VddlS, Vcc1, Vcc2 = 5 V; rVdd, aVdd, dVdd3V, VccPd, VcchF, VccPS = 3.3 V
Min and Max Specified across temp -40 °c to 85 °c
[1] Measured single-ended. additional 3 dB possible with differential outputs.
[2] Measured with 100 Ω external termination. see hittite PLL w/ integraged VCOs Operating guide reference input stage section for more details.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com