Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC6511 Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC6511
Description  SMPTE-292M Serializer, Deserializer, and Deserializer/Reclocker at 1.485Gb/s
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC6511 Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC6511 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 17Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 13
4/10/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC6511
Deserializer/Reclocker at 1.485Gb/s
SMPTE-292M Serializer, Deserializer, and
G52311-0, Rev. 2.0
Figure 8: REFCLK Timing Waveforms: All Modes
Table 6: Reference Clock Requirements *
Note: The PLL locks to the rising edge of REFCLK.
Figure 9: RCLK Timing Waveforms*
Table 7: RCLK Performance - Deserializer and Deserializer/Reclocker Mode
Note: The RCLK output from the CRU is 40% high and 60% low by design.
Parameters
Description
Min
Max
Units
Conditions
FR
Frequency Range
73.75
74.50
MHz
Will accept both 74.176/74.25MHz
FO
Frequency Offset
-1000
1000
ppm.
Difference in REFCLK frequencies
between the transmitting and
receiving VSC6511s.
DC
REFCLK duty cycle
-15
+15
%
Measured at 1.5V
TH, TL
REFCLK high/low times
3.0
—ns.
Measured between VIL(MAX) to
VIL(MAX) or VIH(MIN) to VIH(MIN)
TR
REFCLK rise
—2.0
ns.
Between VIL(MAX) and VIH(MIN)
Parameters
Description
Min
Max
Units
Conditions
FOFFSET
RCLK Frequency offset from
REFCLK
-1.0
+1.0
%
Maximum deviation when the CRU is
not locked. Deserializer Mode.
DC
RCLK duty cycle - 40% / 60%
-5
+5
%
Measured at 1.5V. Deserializer Mode
and Deserializer/Reclocker Mode.
TH
RCLK high times
3—
ns.
Measured between VIH(MIN) to
VIH(MIN)
TL
RCLK low times
5.9
—
ns.
Measured between VIL(MAX) to
VIL(MAX)
TR
RCLK rise/fall time
—1.5
ns.
Between VIL(MAX) and VIH(MIN)
REFCLK
VIL(MAX)
VIH(MIN)
TL
TH
TR
RCLK
VIL(MAX)
VIH(MIN)
TL
TH
TR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com