Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VUB60 Datasheet(PDF) 3 Page - IXYS Corporation

Part # VUB60
Description  Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUB60 Datasheet(HTML) 3 Page - IXYS Corporation

  VUB60 Datasheet HTML 1Page - IXYS Corporation VUB60 Datasheet HTML 2Page - IXYS Corporation VUB60 Datasheet HTML 3Page - IXYS Corporation VUB60 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2000 IXYS All rights reserved
3 - 4
VUB 60
R
G
0
2040
6080
100
0.9
1.0
1.1
1.2
1.3
040
80
120
160
0
10
20
30
40
50
60
70
80
I
C
0.0001
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
0
102030
40
50
0.0
0.5
1.0
1.5
2.0
-50 -25
0
25 50 75 100 125 150
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
02
468
10
12
14
0
20
40
60
80
100
W
I
C
norm.
V
A
T
H
I
d(AV)M
°C
V
CE(sat)
T
VJ
I
C
V
CE
A
0
1020
3040
506070
0
20
40
60
80
100
120
140
P
tot
I
d(AV)M
A
W
T
A
V
GE = 15V
T
VJ = 25°C
I
C = 50A
E
off
t
fi
s
T
VJ=125°C
I
C = 25A
norm. to 4.7
W
0
40
80
120
160
°C
R
thHA
[K/W]
0.5
1
1.5
2
3
4
6
V
GE = 13V
V
GE = 11V
V
GE = 9V
A
D=0.1
D=0.3
D=0.2
D=0.7
D=0.4
°C
I
C = 25A
I
C = 12.5A
E
off
t
fi
A
norm.
E
off
t
fi
E
off
t
fi
t
p
T
V
J=125°C
R
G = 4.7
W
norm.
V
GE = 15V
T
H = 80°C
D=0.5
Fig. 6 Output characteristics for
Fig. 7 Saturation voltage versus
Fig. 8 Turn-off energy per pulse and
braking (IGBT)
junction temperature
fall time versus collector
normalized (IGBT)
current, normalized (IGBT)
Fig. 9 Collector current versus pulse width and duty cycle (IGBT)
Fig.10 Turn-off energy per pulse and
fall time versus R
G (IGBT)
T
H
Fig. 4 Power dissipation versus direct output current and ambient temperature
Fig. 5 Maximum forward current
(Rectifier bridge)
versus heatsink temperature
(Rectifier bridge)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com