Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLLS350TC Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZLLS350TC
Description  SOD523 40V LOW LEAKAGE SCHOTTKY BARRIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZLLS350TC Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZLLS350TC Datasheet HTML 1Page - Zetex Semiconductors ZLLS350TC Datasheet HTML 2Page - Zetex Semiconductors ZLLS350TC Datasheet HTML 3Page - Zetex Semiconductors ZLLS350TC Datasheet HTML 4Page - Zetex Semiconductors ZLLS350TC Datasheet HTML 5Page - Zetex Semiconductors ZLLS350TC Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZLLS350
SEMICO NDUC TORS
ISSUE 1 - MAY 2005
2
PARAMETER
SYMBOL
LIMIT
UNIT
Continuous reverse voltage
VR
40
V
Continuous forward current
IF
380
mA
Average peak forward current; D.C. = 50%
IFAV
650
mA
Non repetitive forward current t < 100 S
< 10mS
IFSM
6.0
1.3
A
A
Power dissipation at TA=25°C
(a)
PD
357
mW
Power dissipation at TA=25°C
(b)
PD
413
mW
Operating and storage temperature range
Tstg
-55 to +150
°C
Junction temperature
Tj
150
°C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction to ambient
(a)
R JA
350
°C/W
Junction to ambient
(b)
R JA
303
°C/W
NOTES:
(a) For a single device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of 1oz copper in still air conditions.
(b) As (a) above measured at t<5 secs.
THERMAL RESISTANCE



Html Pages

1 2 3 4 5 6