Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBO72-18NO7 Datasheet(PDF) 2 Page - IXYS Corporation

Part # VBO72-18NO7
Description  Standard Rectifier Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VBO72-18NO7 Datasheet(HTML) 2 Page - IXYS Corporation

  VBO72-18NO7 Datasheet HTML 1Page - IXYS Corporation VBO72-18NO7 Datasheet HTML 2Page - IXYS Corporation VBO72-18NO7 Datasheet HTML 3Page - IXYS Corporation VBO72-18NO7 Datasheet HTML 4Page - IXYS Corporation VBO72-18NO7 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VBO72-18NO7
V
=
V
kA²s
kA²s
kA²s
kA²s
Symbol
Definition
Ratings
typ.
max.
I
R
V
I
A
V
F
1.08
R
0.9 K/W
R
min.
70
VRSM
V
100
T
= 25°C
VJ
T
=
°C
VJ
mA
1.5
V
=
V
R
T
= 25°C
VJ
I =
A
F
V
T =
°C
C
110
P
tot
135
W
T
= 25°C
C
R
K/W
0.4
30
1800
max. non-repetitive reverse blocking voltage
reverse current
forward voltage drop
total power dissipation
Conditions
Unit
1.22
T
= 25°C
VJ
150
V
F0
V
0.78
T
=
°C
VJ
150
rF
6
mΩ
V
0.99
T
=
°C
VJ
I =
A
F
V
30
1.17
I =
A
F
60
I =
A
F
60
threshold voltage
slope resistance
for power loss calculation only
µA
125
VRRM
V
1800
max. repetitive reverse blocking voltage
T
= 25°C
VJ
C
J
27
junction capacitance
V =
V;
400
T
= 25°C
f = 1 MHz
R
VJ
pF
I
FSM
t = 10 ms; (50 Hz), sine
T
= 45°C
VJ
max. forward surge current
T
=
°C
VJ
150
I²t
T
= 45°C
value for fusing
T
=
°C
150
V
= 0 V
R
V
= 0 V
R
V
= 0 V
V
= 0 V
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
VJ
R
VJ
R
T
=
°C
VJ
150
750
810
2.05
1.98
A
A
A
A
640
690
2.82
2.73
1800
DAV
d =
rectangular
0.5
bridge output current
thermal resistance junction to case
thJC
thermal resistance case to heatsink
thCH
Rectifier
1900
IXYS reserves the right to change limits, conditions and dimensions.
20130415a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com