Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM76V256C Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # GM76V256C
Description  32K x8 bit 3.3V Low Power CMOS slow SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GM76V256C Datasheet(HTML) 2 Page - Hynix Semiconductor

  GM76V256C Datasheet HTML 1Page - Hynix Semiconductor GM76V256C Datasheet HTML 2Page - Hynix Semiconductor GM76V256C Datasheet HTML 3Page - Hynix Semiconductor GM76V256C Datasheet HTML 4Page - Hynix Semiconductor GM76V256C Datasheet HTML 5Page - Hynix Semiconductor GM76V256C Datasheet HTML 6Page - Hynix Semiconductor GM76V256C Datasheet HTML 7Page - Hynix Semiconductor GM76V256C Datasheet HTML 8Page - Hynix Semiconductor GM76V256C Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
GM76V256C Series
Rev 02 / Apr. 2001
2
DESCRIPTION
The GM76V256C is a high-speed, low power and
32,786 X 8-bits CMOS Static Random Access
Memory
fabricated
using
Hynix's
high
performance CMOS process technology. It is
suitable for use in low voltage operation and
battery back-up application. This device has a
data retention mode that guarantees data to
remain valid at the minimum power supply
voltage of 2.0 volt.
FEATURES
• Fully static operation and Tri-state output
• TTL compatible inputs and outputs
• Low power consumption
• Battery backup(L/LL-part)
- 2.0V(min.) data retention
• Standard pin configuration
- 28 pin 600mil PDIP
- 28 pin 330mil SOP
- 28 pin 8x13.4 mm TSOP-I
(Standard)
Product
Voltage
Speed
Operation
Standby Current(uA)
Temperature
No.
(V)
(ns)
Current(mA)
L
LL
(
°C)
GM76V256C
3.3
85/100
2
20
10
0~70(Normal)
GM76V256CE
3.3
85/100
2
30
15
-25~85(Extended)
Note 1. Current value is max.
PIN CONNECTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Vcc
/WE
A8
A9
A11
/OE
A10
/CS
I/O8
I/O7
I/O6
I/O5
I/O4
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
Vss
A13
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Vcc
/WE
A8
A9
A11
/OE
A10
/CS
I/O8
I/O7
I/O6
I/O5
I/O4
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
Vss
A13
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A10
/CS
I/O7
I/O6
I/O5
I/O4
Vss
I/O3
I/O2
I/O1
A0
A1
A2
/OE
A11
A9
A8
A13
/WE
Vcc
A14
A12
A7
A6
A5
A4
A3
I/O8
PDIP
SOP
TSOP-I(Standard)
PIN DESCRIPTION
BLOCK DIAGRAM
Pin Name
Pin Function
/CS
Chip Select
/WE
Write Enable
/OE
Output Enable
A0 ~ A14
Address Inputs
I/O1 ~ I/O8
Data Input/Output
Vcc
Power
Vss
Ground
A14
A0
ROW DECODER
MEMORY ARRAY
512x512
I/O1
I/O8
/CS
/OE
/WE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com