Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIGHTPIPE Datasheet(PDF) 1 Page - Schurter Inc.

Part # LIGHTPIPE
Description  Transparent Plexiglas Light Pipe
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

LIGHTPIPE Datasheet(HTML) 1 Page - Schurter Inc.

  LIGHTPIPE Datasheet HTML 1Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Accessories
Light Pipe
https://www.schurter.com /Z01
Connectors
Transparent Plexiglas Light Pipe
See below:
Approvals and Compliances
Description
- Transpartent Light Pipe for status indication in IEC outlets
- Diameter 2.0 mm
- Length 32.7 mm or 37.4 mm
Weblinks
pdf datasheet, html-datasheet, General Product Information, Distributor-
Stock-Check, Accessories, Detailed request for product
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 60950
IEC 60950-1 includes the basic requirements for the safety of information
technology equipment.
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
RoHS
SCHURTER AG
EU Directive RoHS 2011/65/EU
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
All Variants
Suitable for
Length [mm]
Order Number
6610-5
32.7 mm
3-102-195
█
4710-5
37.4 mm
3-102-207
█
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Packaging unit
50 Pcs
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - LIGHTPIPE

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
LIGHTPIPE SCHURTER-LIGHTPIPE Datasheet
167Kb / 1P
Transparent Plexiglas Light Pipe
04.01.2022
LIGHTPIPE SCHURTER-LIGHTPIPE_V02 Datasheet
167Kb / 1P
Transparent Plexiglas Light Pipe
04.01.2022
More results

Similar Description - LIGHTPIPE

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KL-07LS KINGBRIGHT-KL-07LS Datasheet
41Kb / 1P
LIGHT PIPE
KL-02 KINGBRIGHT-KL-02 Datasheet
36Kb / 1P
LIGHT PIPE
logo
List of Unclassifed Man...
VLP-350-R ETC2-VLP-350-R Datasheet
196Kb / 1P
vertical light pipe
logo
Richco, Inc.
VLP1-D-5 RICHCO-VLP1-D-5 Datasheet
75Kb / 1P
VERTICAL LIGHT PIPE
logo
LUMEX INC.
LPA-C051301S LUMEX-LPA-C051301S Datasheet
93Kb / 1P
LIGHT PIPE
LPA-S011331S LUMEX-LPA-S011331S Datasheet
41Kb / 1P
LIGHT PIPE
LPF-R012305S LUMEX-LPF-R012305S Datasheet
79Kb / 1P
CUSTOM LIGHT PIPE
LPF-R061252S-2 LUMEX-LPF-R061252S-2 Datasheet
79Kb / 1P
CUSTOM LIGHT PIPE
LPF-S0112525S-17 LUMEX-LPF-S0112525S-17 Datasheet
89Kb / 1P
CUSTOM LIGHT PIPE
logo
Schurter Inc.
LIGHTPIPE SCHURTER-LIGHTPIPE_V02 Datasheet
167Kb / 1P
Transparent Plexiglas Light Pipe
04.01.2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com