Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX3842 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AX3842
Description  High Performance Current Mode Pwm Controlers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX3842 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AX3842 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 3Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 4Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 5Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 7Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 8Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Page No. : 2/12
AVANTICS - AX3842 Series
Specification No.: 050308-FE0008
Block Diagram
Pin Connection (Top View)
Package
Function
Description
Pin1: Compensation
This pin is the Error Amplifier output and is made available for
loop compensation.
Pin2: Voltage Feedback
This is the inverting input of the Error Amplifier. It’s normally
connected to the switching power supply output through a
resistor divider.
Pin3: Current Sense
A voltage proportional to inductor current is connected to this
input. The PWM uses this information to terminate the output
switch conduction.
Pin4: RT/CT
The oscillator frequency and maximum output duty cycle are
programmed by connecting resistor RT to Vref and cpacitor CT
to ground. Operation to 500kHz is possible.
Pin5: Ground
This pin is the combined control circuitry and power ground.
Pin6: Output
This output directly drives the gate of a power MOSFET. Peak
currents up to 1A are sourced and sunk by this pin.
Pin7: Vcc
This pin is the positive supply of the control IC.
12
3
4
5
6
7
8
DIP-8
12
3
4
5
6
7
8
SO-8
Pin8: Vref
This is the reference output. It provides charging current for
capacitor CT through resistor RT.
1V
34V
2R
R
1
2
3
4
5
6
7
8
Vcc
Ground
VFB
COMP
Current
Sense
+
-
Error AMP.
VREF Good
Logic
2.50V
Current
Sense
Comparator
T
UVLO
5V
REF
Internal
Bias
PWM Latch
Output
VREF
5V 50mA
S/R
RT/CT
S
R
OSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com