Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX432EM Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AX432EM
Description  Adjustable Shunt Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX432EM Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AX432EM Datasheet HTML 1Page - List of Unclassifed Manufacturers AX432EM Datasheet HTML 2Page - List of Unclassifed Manufacturers AX432EM Datasheet HTML 3Page - List of Unclassifed Manufacturers AX432EM Datasheet HTML 4Page - List of Unclassifed Manufacturers AX432EM Datasheet HTML 5Page - List of Unclassifed Manufacturers AX432EM Datasheet HTML 6Page - List of Unclassifed Manufacturers AX432EM Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Page No. : 5/7
AVANTICS - AX432 Series
Specification No.: 050308-FE0002
SOT-89 Dimension
TO-92 Dimension
3
2
1
A
B
C
D
E
F
G
H
I
J
DIM
Min.
Max.
A4.40
4.60
B4.05
4.25
C1.50
1.70
D2.40
2.60
E0.36
0.51
F
*1.50
-
G
*3.00
-
H1.40
1.60
I0.35
0.41
*: Typical, Unit: mm
Marking:
Date Code
Control Code
X 432
Pb Free Mark
Pb-Free: "
. " (Note)
Normal: None
A
Note: Green label is used for pb-free packing
Pin Style: 1.Reference 2.Anode 3.Cathode
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0
3-Lead SOT-89 Plastic
Surface Mounted Package
AVANTICS Package Code: M
3
1
A
D
B
C
I
α1
E
α2
α3
G
H
2
F
DIM
Min.
Max.
A4.33
4.83
B4.33
4.83
C
12.70
-
D0.36
0.56
E-
*1.27
F3.36
3.76
G0.36
0.56
H-
*2.54
I-
*1.27
α1
-
*5
°
α2
-
*2
°
α3
-
*2
°
*: Typical, Unit: mm
Marking:
Pb Free Mark
Pb-Free: "
. " (Note)
Normal: None
Control Code
Date Code
AA
43 2
X
Note: Green label is used for pb-free packing
Pin Style: 1.Reference 2.Anode 3.Cathode
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0
3-Lead TO-92 Plastic Package
AVANTICS Package Code: A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com