Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV228TL Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV228TL
Description  RF Power Detector for CDMA and WCDMA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV228TL Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV228TL Datasheet HTML 1Page - National Semiconductor (TI) LMV228TL Datasheet HTML 2Page - National Semiconductor (TI) LMV228TL Datasheet HTML 3Page - National Semiconductor (TI) LMV228TL Datasheet HTML 4Page - National Semiconductor (TI) LMV228TL Datasheet HTML 5Page - National Semiconductor (TI) LMV228TL Datasheet HTML 6Page - National Semiconductor (TI) LMV228TL Datasheet HTML 7Page - National Semiconductor (TI) LMV228TL Datasheet HTML 8Page - National Semiconductor (TI) LMV228TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
V
DD - GND
6.0V Max
ESD Tolerance (Note 2)
Human Body Model
2000V
Machine Model
200V
Storage Temperature Range
−65˚C to 150˚C
Junction Temperature (Note 3)
150˚C Max
Mounting Temperature
Infrared or convection (20 sec)
235˚C
Operating Ratings (Note 1)
Supply Voltage
2.7V to 5.5V
Temperature Range
−40˚C to +85˚C
RF Frequency Range
450 MHz to 2 GHz
2.7 DC and AC Electrical Characteristics
Unless otherwise specified, all limits are guaranteed to V
DD = 2.7V; TJ = 25˚C. Boldface limits apply at temperature extremes.
(Note 4)
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
DD
Supply Current
Active Mode: RF
IN/EN =
V
DD (DC), No RF Input
Power Present
LMV225
4.8
7
8
mA
LMV226
4.9
6.2
8
LMV228
4.9
6.2
8
Shutdown: RF
IN/EN = GND (DC), No
RF Input Power Present
0.44
4.5
µA
V
LOW
E
N Logic Low Input Level
(Note 6)
0.8
V
V
HIGH
E
N Logic High Input Level
(Note 6)
1.8
V
t
on
Turn-on-Time (Note 9)
No RF Input Power
Present, Output Loaded
with 10 pF
LMV225
2.1
µs
LMV226
1.2
LMV228
1.7
t
r
Rise Time (Note 7)
Step from no Power to 0
dBm Applied, Output
Loaded with 10 pF
LMV225
4.5
µs
Step from no Power to 15
dBm Applied, Output
Loaded with 10 pF
LMV226
1.8
LMV228
4.8
I
EN
Current into RF
IN/EN Pin
1
µA
P
IN
Input Power Range (Note 5)
LMV225
−30
0
dBm
−43
−13
dBV
LMV226
−15
15
dBm
−28
2
dBV
LMV228
−15
15
dBm
−28
2
dBV
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com