Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2D150 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2D150
Description  DIODE MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2D150 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2D150 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2D150 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USR Semiconductor Co., Ltd
DIODE
MODULE
Fig.1
Fig.2
Fig.5
Fig.6
Fig.4
Fig.3
MDQ/S150
0.5
1
1.5
2
2.5
3
3.5
10
100
1000
Instantaneous on-state currant,amperes
Peak forward Voltage Vs.Peak forward Current
Tj=150°C
0.15
0
0.03
0.06
0.09
0.12
0.15
0.001
0.01
0.1
1
10
time
S
Max. junction To case Thermai Impedance Vs.Time
2.50
0.4
0.8
1.2
1.6
2
2.4
2.8
1
10
100
Cycles at 50Hz
Surge Current Vs.Cycles
31.8
8
11
14
17
20
23
26
29
32
35
1
10
Time,m.seconds
I
2t Vs.Time
MDQ150
0
100
200
300
400
500
600
0
50
100
150
200
Mean on-state current,amperes
Max. Power Dissipation Vs.Mean forward Current
MDQ150
60
80
100
120
140
160
0
30
60
90
120
150
180
Mean on-state current,amperes
Max. case Temperature Vs.Mean forward Current



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com