Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF010 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MICRF010
Description  QwikRadio Low-Power UHF Receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF010 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MICRF010 Datasheet HTML 6Page - Micrel Semiconductor MICRF010 Datasheet HTML 7Page - Micrel Semiconductor MICRF010 Datasheet HTML 8Page - Micrel Semiconductor MICRF010 Datasheet HTML 9Page - Micrel Semiconductor MICRF010 Datasheet HTML 10Page - Micrel Semiconductor MICRF010 Datasheet HTML 11Page - Micrel Semiconductor MICRF010 Datasheet HTML 12Page - Micrel Semiconductor MICRF010 Datasheet HTML 13Page - Micrel Semiconductor MICRF010 Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Micrel
MICRF010
June 2005
10
M9999-063005
(408) 955-1690
DO Pin
The output stage for the digital output (DO) is shown in
Figure 4. The output is a 45µA push and 45µA pull
switched-current stage. This output stage is capable of
driving
CMOS
loads.
An
external
buffer-driver
is
recommended for driving high capacitance loads.
VDD
VSS
Compa-
rator
45uA
45uA
DO
Figure 4. DO Pin
REFOSC Pin
The REFOSC input circuit is shown in Figure 5. Input
impedance is quite high (290kΩ). This is a Colpitts
oscillator, with internal 10pF capacitors.
Externally
applied
signals
should
be
AC-coupled,
amplitude limited to approximately 0.5VPP. The nominal
DC bias voltage on this pin is 1.4V
250
200k
Active
Bias
REFOSC
10pF
10pF
30uA
VDD
VSS
VSS
Figure 5. REFOSC Pin
SHUT Pin
to Interna
Circuits
VDD
VSS
SHUT
Q2
Q3
Q1
VSS
Figure 6. SHUT Pin
Control input circuitry is shown in Figure 6. The standard
input is a logic inverter constructed with minimum geometry
MOSFETs (Q2, Q3). P-Channel MOSFET Q1 is a large
channel length device, which functions essentially as a
“weak” pull-up to VDDBB. Typical pull-up current is 5µA,
leading to an impedance to the VDD supply of typically
1MΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com