Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC764LP6CE Datasheet(PDF) 5 Page - Analog Devices

Part # HMC764LP6CE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC764LP6CE Datasheet(HTML) 5 Page - Analog Devices

  HMC764LP6CE Datasheet HTML 1Page - Analog Devices HMC764LP6CE Datasheet HTML 2Page - Analog Devices HMC764LP6CE Datasheet HTML 3Page - Analog Devices HMC764LP6CE Datasheet HTML 4Page - Analog Devices HMC764LP6CE Datasheet HTML 5Page - Analog Devices HMC764LP6CE Datasheet HTML 6Page - Analog Devices HMC764LP6CE Datasheet HTML 7Page - Analog Devices HMC764LP6CE Datasheet HTML 8Page - Analog Devices HMC764LP6CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 5
HMC764LP6CE
v03.0411
FRACTIONAL-N PLL WITH
INTEGRATED VCO, 7.3 - 8.2 GHz
Open Loop VCO SSB Phase Noise @
Vtune = +5V
Open Loop VCO SSB Phase Noise vs.
Tuning Voltage
-130
-110
-90
-70
-50
-30
-10
1
2
3
4
5
6
7
8
9
10
11
12
13
10kHz offset
100kHz offset
TUNING VOLTAGE (VOLTS)
-160
-140
-120
-100
-80
-60
-40
-20
0
10
2
10
3
10
4
10
5
10
6
+25 C
+85 C
-40 C
OFFSET FREQUENCY (Hz)
Frequency vs. Tuning Voltage, T = 25°C
Sensitivity vs. Tuning Voltage, Vcc = +5V
Frequency vs. Tuning Voltage, Vcc= +5V
Output Power
vs. Tuning Voltage, Vcc = +5V
6
6.5
7
7.5
8
8.5
9
0
1
2
3
4
5
6
7
8
9
10 11 12 13
Vcc=4.75V
Vcc=5.0V
Vcc=5.25V
TUNING VOLTAGE (VOLTS)
0
4
8
12
16
20
0
1
2
3
4
5
6
7
8
9
10 11 12 13
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
0
100
200
300
400
500
600
0
1
2
3
4
5
6
7
8
9
10 11 12 13
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
6
6.5
7
7.5
8
8.5
9
0
1
2
3
4
5
6
7
8
9
10 11 12 13
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com